Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PRF18BE471RS5RB Datasheet(PDF) 13 Page - Murata Manufacturing Co., Ltd.

Part # PRF18BE471RS5RB
Description  DESIGN ENGINEERING KITS
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

PRF18BE471RS5RB Datasheet(HTML) 13 Page - Murata Manufacturing Co., Ltd.

Back Button PRF18BE471RS5RB Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. PRF18BE471RS5RB Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. PRF18BE471RS5RB Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. PRF18BE471RS5RB Datasheet HTML 12Page - Murata Manufacturing Co., Ltd. PRF18BE471RS5RB Datasheet HTML 13Page - Murata Manufacturing Co., Ltd. PRF18BE471RS5RB Datasheet HTML 14Page - Murata Manufacturing Co., Ltd. PRF18BE471RS5RB Datasheet HTML 15Page - Murata Manufacturing Co., Ltd. PRF18BE471RS5RB Datasheet HTML 16Page - Murata Manufacturing Co., Ltd. PRF18BE471RS5RB Datasheet HTML 17Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 39 page
background image
G-06-G
Note: Design Kit Contents are subject to change without notice.
13
DESIGN ENGINEERING KITS
I
High Q and Low ESR at VHF, UHF, and Microwave Frequencies
I
0603 and 0805 sizes with Copper Inner Electrode
I
Tight Tolerance Available ([W]=+/-0.05pF for <=5pF,
[C]=+/-0.25pF for 5 - 9pF, [F]=+/-1% for 10 - 20pF)
I
Low Power Consumption for Mobile Telecommunication
I
Base Stations, Broadcast Satellite and Special Radios
No.
Description
Murata Global P/N
Qty.
1
0603/C0G/0.50pF/100V
GQM1885C2AR50CB01
20
2
0603/C0G/0.60pF/100V
GQM1885C2AR60CB01
20
3
0603/C0G/0.70pF/100V
GQM1885C2AR70CB01
20
4
0603/C0G/0.80pF/100V
GQM1885C2AR80CB01
20
5
0603/C0G/0.90pF/100V
GQM1885C2AR90CB01
20
6
0603/C0G/1.0pF/100V
GQM1885C2A1R0CB01
20
7
0603/C0G/1.1pF/100V
GQM1885C2A1R1CB01
20
8
0603/C0G/1.2pF/100V
GQM1885C2A1R2CB01
20
9
0603/C0G/1.3pF/100V
GQM1885C2A1R3CB01
20
10
0603/C0G/1.5pF/100V
GQM1885C2A1R5CB01
20
11
0603/C0G/1.6pF/100V
GQM1885C2A1R6CB01
20
12
0603/C0G/1.8pF/100V
GQM1885C2A1R8CB01
20
13
0603/C0G/2.0pF/100V
GQM1885C2A2R0CB01
20
14
0603/C0G/2.2pF/100V
GQM1885C2A2R2CB01
20
15
0603/C0G/2.4pF/100V
GQM1885C2A2R4CB01
20
16
0603/C0G/2.7pF/100V
GQM1885C2A2R7CB01
20
17
0603/C0G/3.0pF/100V
GQM1885C2A3R0CB01
20
18
0603/C0G/3.3pF/100V
GQM1885C2A3R3CB01
20
19
0603/C0G/3.6pF/100V
GQM1885C2A3R6CB01
20
20
0603/C0G/3.9pF/100V
GQM1885C2A3R9CB01
20
21
0603/C0G/4.3pF/100V
GQM1885C2A4R3CB01
20
22
0603/C0G/4.7pF/100V
GQM1885C2A4R7CB01
20
23
0603/C0G/5.1pF/100V
GQM1885C2A5R1DB01
20
24
0603/C0G/5.6pF/100V
GQM1885C2A5R6DB01
20
25
0603/C0G/6.2pF/100V
GQM1885C2A6R2DB01
20
26
0603/C0G/6.8pF/100V
GQM1885C2A6R8DB01
20
27
0603/C0G/7.5pF/50V
GQM1885C1H7R5DB01
20
28
0603/C0G/8.2pF/50V
GQM1885C1H8R2DB01
20
29
0603/C0G/9.1pF/50V
GQM1885C1H9R1DB01
20
30
0603/C0G/10pF/50V
GQM1885C1H100JB01
20
31
0603/C0G/12pF/50V
GQM1885C1H120JB01
20
32
0603/C0G/15pF/50V
GQM1885C1H150JB01
20
33
0603/C0G/18pF/50V
GQM1885C1H180JB01
20
34
0603/C0G/22pF/50V
GQM1885C1H220JB01
20
35
0603/C0G/27pF/50V
GQM1885C1H270JB01
20
36
0603/C0G/33pF/50V
GQM1885C1H330JB01
20
37
0603/C0G/39pF/50V
GQM1885C1H390JB01
20
38
0603/C0G/47pF/50V
GQM1885C1H470JB01
20
39
0603/C0G/68pF/50V
GQM1885C1H680JB01
20
40
0603/C0G/100pF/50V
GQM1885C1H101JB01
20
GQM18-HIQ0603KIT-E
CERAMIC CHIP CAPACITORS
ASCAP Hi-Frequency
0603 (50 to 100 VDC)
0603 (250 VDC)
I
High Q and Low ESR at VHF, UHF, and Microwave Frequencies
I
0603 size with Copper Inner Electrode
I
Tight Tolerance Available ([W]=+/-0.05pF for <=5pF,
[F]=+/-1% for 10 - 20pF)
I
Low Power Consumption for Mobile Telecommunication
I
Base Stations, Broadcast Satellite and Special Radios
No.
Description
Murata Global P/N
Qty.
1
0603/C0G/0.10pF/250V
GQM1875C2ER10BB12
20
2
0603/C0G/0.30pF/250V
GQM1875C2ER30BB12
20
3
0603/C0G/0.50pF/250V
GQM1875C2ER50BB12
20
4
0603/C0G/0.60pF/250V
GQM1875C2ER60BB12
20
5
0603/C0G/0.70pF/250V
GQM1875C2ER70BB12
20
6
0603/C0G/0.80pF/250V
GQM1875C2ER80BB12
20
7
0603/C0G/0.90pF/250V
GQM1875C2ER90BB12
20
8
0603/C0G/1.0pF/250V
GQM1875C2E1R0BB12
20
9
0603/C0G/1.1pF/250V
GQM1875C2E1R1BB12
20
10
0603/C0G/1.2pF/250V
GQM1875C2E1R2BB12
20
11
0603/C0G/1.3pF/250V
GQM1875C2E1R3BB12
20
12
0603/C0G/1.6pF/250V
GQM1875C2E1R6BB12
20
13
0603/C0G/1.8pF/250V
GQM1875C2E1R8BB12
20
14
0603/C0G/2.2pF/250V
GQM1875C2E2R2BB12
20
15
0603/C0G/2.4pF/250V
GQM1875C2E2R4BB12
20
16
0603/C0G/3.0pF/250V
GQM1875C2E3R0BB12
20
17
0603/C0G/3.3pF/250V
GQM1875C2E3R3BB12
20
18
0603/C0G/3.6pF/250V
GQM1875C2E3R6BB12
20
19
0603/C0G/3.9pF/250V
GQM1875C2E3R9BB12
20
20
0603/C0G/4.3pF/250V
GQM1875C2E4R3BB12
20
21
0603/C0G/4.7pF/250V
GQM1875C2E4R7BB12
20
22
0603/C0G/5.1pF/250V
GQM1875C2E5R1BB12
20
23
0603/C0G/5.6pF/250V
GQM1875C2E5R6BB12
20
24
0603/C0G/6.2pF/250V
GQM1875C2E6R2BB12
20
25
0603/C0G/6.8pF/250V
GQM1875C2E6R8BB12
20
26
0603/C0G/7.5pF/250V
GQM1875C2E7R5BB12
20
27
0603/C0G/9.1pF/250V
GQM1875C2E9R1BB12
20
28
0603/C0G/10pF/250V
GQM1875C2E100JB12
20
29
0603/C0G/12pF/250V
GQM1875C2E120JB12
20
30
0603/C0G/15pF/250V
GQM1875C2E150JB12
20
31
0603/C0G/22pF/250V
GQM1875C2E220JB12
20
32
0603/C0G/27pF/250V
GQM1875C2E270JB12
20
33
0603/C0G/33pF/250V
GQM1875C2E330JB12
20
34
0603/C0G/39pF/250V
GQM1875C2E390JB12
20
35
0603/C0G/47pF/250V
GQM1875C2E470JB12
20
GQM18-HIQ250VKIT-E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com