Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STB155N3LH6 Datasheet(PDF) 15 Page - STMicroelectronics

Part # STB155N3LH6
Description  N-channel 30 V, 2.4 mΩ , 80 A, DPAK, DPAK STripFETVI DeepGATE Power MOSFET
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB155N3LH6 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STB155N3LH6 Datasheet HTML 10Page - STMicroelectronics STB155N3LH6 Datasheet HTML 11Page - STMicroelectronics STB155N3LH6 Datasheet HTML 12Page - STMicroelectronics STB155N3LH6 Datasheet HTML 13Page - STMicroelectronics STB155N3LH6 Datasheet HTML 14Page - STMicroelectronics STB155N3LH6 Datasheet HTML 15Page - STMicroelectronics STB155N3LH6 Datasheet HTML 16Page - STMicroelectronics STB155N3LH6 Datasheet HTML 17Page - STMicroelectronics STB155N3LH6 Datasheet HTML 18Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
STB155N3LH6, STD155N3LH6
Packaging mechanical data
Doc ID 17893 Rev 3
15/18
P2
1.9
2.1
R40
T
0.25
0.35
W
15.7
16.3
Table 12.
DPAK (TO-252) tape and reel mechanical data (continued)
Tape
Reel
Dim.
mm
Dim.
mm
Min.
Max.
Min.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com