Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8S005K6 Datasheet(PDF) 82 Page - STMicroelectronics

Part # STM8S005K6
Description  Value line, 16 MHz STM8S 8-bit MCU, 32 Kbytes Flash, data EEPROM,10-bit ADC, timers, UART, SPI, IC
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S005K6 Datasheet(HTML) 82 Page - STMicroelectronics

Back Button STM8S005K6 Datasheet HTML 78Page - STMicroelectronics STM8S005K6 Datasheet HTML 79Page - STMicroelectronics STM8S005K6 Datasheet HTML 80Page - STMicroelectronics STM8S005K6 Datasheet HTML 81Page - STMicroelectronics STM8S005K6 Datasheet HTML 82Page - STMicroelectronics STM8S005K6 Datasheet HTML 83Page - STMicroelectronics STM8S005K6 Datasheet HTML 84Page - STMicroelectronics STM8S005K6 Datasheet HTML 85Page - STMicroelectronics STM8S005K6 Datasheet HTML 86Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 103 page
background image
Unit
Max
Min
Conditions
Parameter
Symbol
ns
tSCK/2 +
15
tSCK/2 -
15
Master mode
SCK high and
low time
tw(SCKH)
(1)
tw(SCKL)
(1)
ns
5
Master mode
Data input
setup time
tsu(MI)
(1)
tsu(SI)
(1)
ns
5
Slave mode
Data input
setup time
ns
7
Master mode
Data input hold
time
th(MI)
(1)
th(SI)
(1)
ns
10
Slave mode
Data input hold
time
ns
3 x
tMASTER
Slave mode
Data output
access time
ta(SO)
(1) (2)
ns
25
Slave mode
Data output
disable time
tdis(SO)
(1) (3)
ns
73
Slave mode
(after enable edge)
Data output
valid time
tv(SO)
(1)
ns
36
Master mode
(after enable edge)
Data output
valid time
tv(MO)
(1)
ns
28
Slave mode
(after enable edge)
Data output
hold time
th(SO)
(1)
ns
12
Master mode
(after enable edge)
th(MO)
(1)
(1) Values based on design simulation and/or characterization results, and not tested in
production.
(2) Min time is for the minimum time to drive the output and the max time is for the maximum
time to validate the data.
(3) Min time is for the minimum time to invalidate the output and the max time is for the
maximum time to put the data in Hi-Z.
DocID022186 Rev 3
82/103
STM8S005K6 STM8S005C6
Electrical characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com