Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8S005C6T6CTR Datasheet(PDF) 33 Page - STMicroelectronics

Part # STM8S005C6T6CTR
Description  Value line, 16 MHz STM8S 8-bit MCU, 32 Kbytes Flash, data EEPROM,10-bit ADC, timers, UART, SPI, IC
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S005C6T6CTR Datasheet(HTML) 33 Page - STMicroelectronics

Back Button STM8S005C6T6CTR Datasheet HTML 29Page - STMicroelectronics STM8S005C6T6CTR Datasheet HTML 30Page - STMicroelectronics STM8S005C6T6CTR Datasheet HTML 31Page - STMicroelectronics STM8S005C6T6CTR Datasheet HTML 32Page - STMicroelectronics STM8S005C6T6CTR Datasheet HTML 33Page - STMicroelectronics STM8S005C6T6CTR Datasheet HTML 34Page - STMicroelectronics STM8S005C6T6CTR Datasheet HTML 35Page - STMicroelectronics STM8S005C6T6CTR Datasheet HTML 36Page - STMicroelectronics STM8S005C6T6CTR Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 103 page
background image
Reset status
Register name
Register label
Block
Address
0xC0
UART2 status register
UART2_SR
UART2
0x00 5240
0xXX
UART2 data register
UART2_DR
0x00 5241
0x00
UART2 baud rate register 1
UART2_BRR1
0x00 5242
0x00
UART2 baud rate register 2
UART2_BRR2
0x00 5243
0x00
UART2 control register 1
UART2_CR1
0x00 5244
0x00
UART2 control register 2
UART2_CR2
0x00 5245
0x00
UART2 control register 3
UART2_CR3
0x00 5246
0x00
UART2 control register 4
UART2_CR4
0x00 5247
0x00
UART2 control register 5
UART2_CR5
0x00 5248
0x00
UART2 control register 6
UART2_CR6
0x00 5249
0x00
UART2 guard time register
UART2_GTR
0x00 524A
0x00
UART2 prescaler register
UART2_PSCR
0x00 524B
Reserved area (4 bytes)
0x00 524C to
0x00 524F
0x00
TIM1 control register 1
TIM1_CR1
TIM1
0x00 5250
0x00
TIM1 control register 2
TIM1_CR2
0x00 5251
0x00
TIM1 slave mode control register
TIM1_SMCR
0x00 5252
0x00
TIM1 external trigger register
TIM1_ETR
0x00 5253
0x00
TIM1 interrupt enable register
TIM1_IER
0x00 5254
0x00
TIM1 status register 1
TIM1_SR1
0x00 5255
33/103
DocID022186 Rev 3
Memory and register map
STM8S005K6 STM8S005C6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com