Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SOT-223 Datasheet(PDF) 13 Page - STMicroelectronics

Part # SOT-223
Description  5 V low dropout voltage regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SOT-223 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button SOT-223 Datasheet HTML 9Page - STMicroelectronics SOT-223 Datasheet HTML 10Page - STMicroelectronics SOT-223 Datasheet HTML 11Page - STMicroelectronics SOT-223 Datasheet HTML 12Page - STMicroelectronics SOT-223 Datasheet HTML 13Page - STMicroelectronics SOT-223 Datasheet HTML 14Page - STMicroelectronics SOT-223 Datasheet HTML 15Page - STMicroelectronics SOT-223 Datasheet HTML 16Page - STMicroelectronics SOT-223 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
L5150BN
Package and PCB thermal data
Doc ID 15541 Rev 8
13/20
Figure 19.
SOT-223 thermal impedance junction ambient single pulse
Equation 1: pulse calculation formula
where
δ = t
P/T
Figure 20.
Thermal fitting model of Vreg in SOT-223
Z
TH
δ
R
TH
δ Z
THtp
1
δ
–
()
+
⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com