Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM833D Datasheet(PDF) 4 Page - STMicroelectronics

Part # LM833D
Description  Low noise dual operational amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM833D Datasheet(HTML) 4 Page - STMicroelectronics

  LM833D Datasheet HTML 1Page - STMicroelectronics LM833D Datasheet HTML 2Page - STMicroelectronics LM833D Datasheet HTML 3Page - STMicroelectronics LM833D Datasheet HTML 4Page - STMicroelectronics LM833D Datasheet HTML 5Page - STMicroelectronics LM833D Datasheet HTML 6Page - STMicroelectronics LM833D Datasheet HTML 7Page - STMicroelectronics LM833D Datasheet HTML 8Page - STMicroelectronics LM833D Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Electrical characteristics
LM833
4/12
Doc ID 2169 Rev 3
3
Electrical characteristics
Table 3.
VCC+ = +15 V, VCC- = -15 V, Tamb = 25° C (unless otherwise specified)
Symbol
Parameter
Min.
Typ.
Max.
Unit
Vio
Input offset voltage (Rs = 10 Ω, Vo = 0 V, Vic = 0 V)
0.3
5
mV
DVio
Input offset voltage drift
Rs = 10 Ω, Vo = 0 V, Tmin. ≤Tamb ≤Tmax.
2
µV/°C
Iio
Input offset current (Vo = 0 V, Vic = 0 V)
25
200
nA
Iib
Input bias current (Vo = 0 V, Vic = 0 V)
300
1000
nA
Vicm
Input common mode voltage range
±12
±14
V
Avd
Large signal voltage gain (RL = 2 kΩ, Vo = ±10 V)
90
100
dB
±Vopp
Output voltage swing (Vid = ±1 V)
RL = 2.0 kΩ
RL = 2.0 kΩ
RL = 10 kΩ
RL = 10 kΩ
10
12
13.7
-14
13.9
-14.4
-10
-12
V
CMR
Common-mode rejection ratio (Vic = ±13 V)
80
100
dB
SVR
Supply voltage rejection ratio
(VCC+/VCC- = +15 V/-15 V to +5 V/-5 V)
80
105
dB
ICC
Supply current (Vo = 0 V, all amplifiers)
48
mA
SR
Slew rate (Vi = -10 V to +10 V, RL = 2 kΩ, AV = +1)
57
V/µs
GBP
Gain bandwidth product
(RL = 2 kΩ, CL = 100 pF, f = 100 kHz)
10
15
MHz
B
Unity gain bandwidth (open loop)
9
MHz
φm
Phase margin (RL = 2 kΩ)
60
Degrees
en
Equivalent input noise voltage (RS = 100 Ω, f = 1 kHz)
4.5
in
Equivalent input noise current (f = 1 kHz)
0.5
THD
Total harmonic distortion
(RL = 2 kΩ, f = 20 Hz to 20 kHz, Vo = 3 Vrms, AV = +1)
0.002
%
VO1/VO2 Channel separation (f = 20 Hz to 20 kHz)
120
dB
FPB
Full power bandwidth (Vo = 27 Vpp, RL = 2 kΩ, THD ≤1%)
120
kHz
nV
Hz
------------
pA
Hz
------------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com