Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL431ACD Datasheet(PDF) 4 Page - STMicroelectronics

Part # TL431ACD
Description  Programmable voltage reference
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TL431ACD Datasheet(HTML) 4 Page - STMicroelectronics

  TL431ACD Datasheet HTML 1Page - STMicroelectronics TL431ACD Datasheet HTML 2Page - STMicroelectronics TL431ACD Datasheet HTML 3Page - STMicroelectronics TL431ACD Datasheet HTML 4Page - STMicroelectronics TL431ACD Datasheet HTML 5Page - STMicroelectronics TL431ACD Datasheet HTML 6Page - STMicroelectronics TL431ACD Datasheet HTML 7Page - STMicroelectronics TL431ACD Datasheet HTML 8Page - STMicroelectronics TL431ACD Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
Absolute maximum ratings and operating conditions
TL431, TL432
4/21
Doc ID 4467 Rev 11
2
Absolute maximum ratings and operating conditions
Table 1.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VKA
Cathode to anode voltage
37
V
Ik
Continuous cathode current range
-100 to +150
mA
Iref
Reference input current range
-0.05 to +10
mA
Rthja
Thermal resistance junction to ambient(1)
TO-92
SO-8 batwing
SOT23-3L
SOT23-5L
SOT323-6L
1.
Short-circuits can cause excessive heating. These values are typical.
200
85
248
157
221
°C/W
Rthjc
Thermal resistance junction to case (1)
SO-8 batwing
SOT23-3L
SOT23-5L
SOT323-6L
30
136
67
110
°C/W
Tstg
Storage temperature range
-65 to +150
°C
TJ
Junction temperature
150
°C
ESD
TL431IY, TL431AIY-T: HBM (human body model) (2)
TL431-TL432: HBM (human body model)
MM: machine model (3)
CDM: charged device model (4)
2.
Human body model: a 100 pF capacitor is charged to the specified voltage, then discharged through a
1.5 k
Ω resistor between two pins of the device. This is done for all couples of connected pin combinations
while the other pins are floating.
3.
Machine model: a 200 pF capacitor is charged to the specified voltage, then discharged directly between
two pins of the device with no external series resistor (internal resistor < 5
Ω). This is done for all couples of
connected pin combinations while the other pins are floating.
4.
Charged device model: all pins and the package are charged together to the specified voltage and then
discharged directly to the ground through only one pin. This is done for all pins.
3000
2000
200
1500
V
Table 2.
Operating conditions
Symbol
Parameter
Value
Unit
VKA
Cathode to anode voltage
Vref to 36
V
Ik
Cathode current
1 to 100
mA
Toper
Operating free-air temperature range
TL431C/AC
TL431I/AI - TL432I/AI
TL431IY/AIY
0 to +70
-40 to +105
-40 to +125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com