Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMBJ20ACA Datasheet(PDF) 8 Page - STMicroelectronics

Part # SMBJ20ACA
Description  Stand off voltage range: from 5 V to 188 V
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SMBJ20ACA Datasheet(HTML) 8 Page - STMicroelectronics

Back Button SMBJ20ACA Datasheet HTML 2Page - STMicroelectronics SMBJ20ACA Datasheet HTML 3Page - STMicroelectronics SMBJ20ACA Datasheet HTML 4Page - STMicroelectronics SMBJ20ACA Datasheet HTML 5Page - STMicroelectronics SMBJ20ACA Datasheet HTML 6Page - STMicroelectronics SMBJ20ACA Datasheet HTML 7Page - STMicroelectronics SMBJ20ACA Datasheet HTML 8Page - STMicroelectronics SMBJ20ACA Datasheet HTML 9Page - STMicroelectronics SMBJ20ACA Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Package information
SMBJ
8/10
Doc ID 5616 Rev 10
Table 5.
Marking
Order code
Marking
Order code
Marking
SMBJ5.0A-TR
BUZ
SMBJ5.0CA-TR
BBZ
SMBJ6.0A-TR
BUA
SMBJ6.0CA-TR
BBA
SMBJ6.5A-TR
BUB
SMBJ6.5CA-TR
BBB
SMBJ8.5A-TR
BUC
SMBJ8.5CA-TR
BBC
SMBJ10A-TR
BUD
SMBJ10CA-TR
BBD
SMBJ12A-TR
BUE
SMBJ12CA-TR
BBE
SMBJ13A-TR
BUF
SMBJ13CA-TR
BBF
SMBJ15A-TR
BUG
SMBJ15CA-TR
BBG
SMBJ16A-TR
CUG
SMBJ16CA-TR
CBG
SMBJ18A-TR
BUH
SMBJ18CA-TR
BBH
SMBJ20A-TR
BUI
SMBJ20CA-TR
BBI
SMBJ22A-TR
BVA
SMBJ22CA-TR
CBH
SMBJ24A-TR
BUJ
SMBJ24CA-TR
BBJ
SMBJ26A-TR
BUK
SMBJ26CA-TR
BBK
SMBJ28A-TR
BUL
SMBJ28CA-TR
BBL
SMBJ30A-TR
BUM
SMBJ30CA-TR
BBM
SMBJ33A-TR
BUN
SMBJ33CA-TR
BBN
SMBJ36A-TR
CUN
SMBJ36CA-TR
CBN
SMBJ40A-TR
CUJ
SMBJ40CA-TR
CBJ
SMBJ43A-TR
CUW
SMBJ43CA-TR
CBW
SMBJ48A-TR
BUW
SMBJ48CA-TR
BBW
SMBJ58A-TR
BUO
SMBJ58CA-TR
BBO
SMBJ70A-TR
CUM
SMBJ70CA-TR
CBM
SMBJ85A-TR
BUQ
SMBJ85CA-TR
BBQ
SMBJ100A-TR
CUQ
SMBJ100CA-TR
CBQ
SMBJ130A-TR
BUS
SMBJ130CA-TR
BBS
SMBJ154A-TR
BUT
SMBJ154CA-TR
BBT
SMBJ170A-TR
BUU
SMBJ170CA-TR
BBU
SMBJ188A-TR
BUV
SMBJ188CA-TR
BBV



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com