Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EKZM350ESS331MJC5S Datasheet(PDF) 1 Page - United Chemi-Con, Inc.

Part # EKZM350ESS331MJC5S
Description  Low impedance, 105C
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHEMI-CON [United Chemi-Con, Inc.]
Direct Link  http://www.chemi-con.com
Logo CHEMI-CON - United Chemi-Con, Inc.

EKZM350ESS331MJC5S Datasheet(HTML) 1 Page - United Chemi-Con, Inc.

  EKZM350ESS331MJC5S Datasheet HTML 1Page - United Chemi-Con, Inc. EKZM350ESS331MJC5S Datasheet HTML 2Page - United Chemi-Con, Inc. EKZM350ESS331MJC5S Datasheet HTML 3Page - United Chemi-Con, Inc. EKZM350ESS331MJC5S Datasheet HTML 4Page - United Chemi-Con, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
Low impedance, 105C
CAT. No. E1001K
Sleeve(PET : Brown)
L'
15min.
4min.
Vent
(Except F5 & F6.3)
@Long-Life version of KZH series
@Endurance with ripple current : 6,000 to 10,000 hours at 105C
@Newly innovative electrolyte is employed to minimize ESR
@Rated voltage range : 6.3 to 50Vdc, Nominal capacitance range : 27 to 10,000MF
@Non solvent resistant type
@RoHS Compliant
?SPECIFICATIONS
Category
Temperature Range
Rated Voltage Range
Capacitance Tolerance
Leakage Current
Dissipation Factor
(tane)
Low Temperature
Characteristics
Endurance
Shelf Life
Items
-40 to +105C
6.3 to 50Vdc
P20% (M)
I=0.01CV or 3MA, whichever is greater.
Where, I : Max. leakage current (MA), C : Nominal capacitance (MF), V : Rated voltage (V)
Rated voltage (Vdc)
tanE (Max.)
When nominal capacitance exceeds 1,000MF, add 0.02 to the value above for each 1,000MF increase.
Z(-25C)/Z(+20C)
Z(-40C)/Z(+20C)
The following specifications shall be satisfied when the capacitors are restored to 20C after subjected to DC voltage with the rated
ripple current is applied for the specified period of time at 105C.
Time
F5 & F6.3 : 6,000hours F8 : 8,000hours F10 to F18 : 10,000hours
Capacitance change
[P25% of the initial value (6.3, 10Vdc : [P30%)
D.F. (tanE)
[200% of the initial specified value
Leakage current
[The initial specified value
The following specifications shall be satisfied when the capacitors are restored to 20C after exposing them for 500 hours at 105C without
voltage applied. Before the measurement, the capacitor shall be preconditioned by applying voltage according to Item 4.1 of JIS C 5101-4.
Capacitance change
[P25% of the initial value (6.3, 10Vdc : [P30%)
D.F. (tanE)
[200% of the initial specified value
Leakage current
[The initial specified value
Characteristics
6.3V
0.22
10V
0.19
16V
0.16
25V
0.14
35V
0.12
50V
0.10
2 max.
3 max.
(at 20C, 120Hz)
(at 20C after 2 minutes)
(at 20C, 120Hz)
(at 120Hz)
?DIMENSIONS [mm]
?PART NUMBERING SYSTEM
5
0.5
2.0
fD
fd
F
fD'
L'
6.3
0.5
2.5
8
0.6
3.5
12.5
0.6
5.0
16
0.8
7.5
18
0.8
7.5
10
0.6
5.0
FD+0.5max.
L+1.5max.
(F5 to F10)
(F12.5 to F18)
Gas escape end seal
120
0.40
0.50
0.60
0.75
0.85
1k
0.75
0.85
0.87
0.90
0.95
10k
0.90
0.94
0.95
0.95
0.98
100k
1.00
1.00
1.00
1.00
1.00
Capacitance (mF)
Frequency (Hz)
27 to 180
220 to 560
680 to 1,800
2,200 to 3,900
4,700 to 10,000
?RATED RIPPLE CURRENT MULTIPLIERS
@Frequency Multipliers
@Terminal Code : E
Supplement code
Size code
Capacitance tolerance code
Capacitance code (ex. 100MF:101, 1,000MF:102)
Lead forming·taping code
Terminal code
Voltage code (ex. 6.3V:6R3, 10V:100)
Series code
Category
E K Z M A A A E A A A A A
A A A N
M
13
4
26
7
8
9
10
512
13
11
16
17
18
15
14
Note : The endurance of capacitors is reduced with internal heating produced by ripple current at the rate of halving the lifetime with every 5C rise.
When long life performance is required in actual use, the rms ripple current has to be reduced.
Longer life
KZM
Lower Z
KZH
KZE
Please refer to "Product code guide (radial lead type)"
(1/3)


Similar Part No. - EKZM350ESS331MJC5S

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
EKZM350ESS331MJC5S CHEMI-CON-EKZM350ESS331MJC5S Datasheet
61Kb / 3P
Aluminum Electrolytic Capacitor
More results

Similar Description - EKZM350ESS331MJC5S

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
100ZL20 RUBYCON-100ZL20 Datasheet
1Mb / 7P
105C High ripple Current, Low impedance
logo
Dubilier
DVJL476.3LF DUBILIER-DVJL476.3LF Datasheet
104Kb / 2P
SURFACE MOUNT SMD - 105C LOW IMPEDANCE DVJL
logo
United Chemi-Con, Inc.
ELXZ350ELL221MJC5S CHEMI-CON-ELXZ350ELL221MJC5S Datasheet
68Kb / 3P
Low impedance, Downsized, 105C
EKZE160ELL272ML20S CHEMI-CON-EKZE160ELL272ML20S Datasheet
70Kb / 3P
Low impedance, 105C
ELXZ160ELL471MJC5S CHEMI-CON-ELXZ160ELL471MJC5S Datasheet
68Kb / 3P
Low impedance, Downsized, 105C
ELXZ250ELL471MJ16S CHEMI-CON-ELXZ250ELL471MJ16S Datasheet
68Kb / 3P
Low impedance, Downsized, 105C
EKZE350ELL221MJC5S CHEMI-CON-EKZE350ELL221MJC5S Datasheet
70Kb / 3P
Low impedance, 105C
logo
Illinois Capacitor, Inc...
105AXZ050M ILLINOISCAPACITOR-105AXZ050M_13 Datasheet
227Kb / 2P
105C Low Impedance Surface Mount Aluminum Electrolytic Capacitors
477JZM016M ILLINOISCAPACITOR-477JZM016M_13 Datasheet
184Kb / 2P
105C Low Impedance Radial Lead Aluminum Electrolytic Capacitors
logo
Dubilier
DVJL4763-LF DUBILIER-DVJL4763-LF Datasheet
262Kb / 2P
SURFACE MOUNT SMD - 105C LOW IMPEDANCE DVJL
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com