Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7655ASTZ Datasheet(PDF) 3 Page - Analog Devices

Part # AD7655ASTZ
Description  Low Cost, 4-Channel, 16-Bit 1 MSPS PulSAR짰 ADC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7655ASTZ Datasheet(HTML) 3 Page - Analog Devices

  AD7655ASTZ Datasheet HTML 1Page - Analog Devices AD7655ASTZ Datasheet HTML 2Page - Analog Devices AD7655ASTZ Datasheet HTML 3Page - Analog Devices AD7655ASTZ Datasheet HTML 4Page - Analog Devices AD7655ASTZ Datasheet HTML 5Page - Analog Devices AD7655ASTZ Datasheet HTML 6Page - Analog Devices AD7655ASTZ Datasheet HTML 7Page - Analog Devices AD7655ASTZ Datasheet HTML 8Page - Analog Devices AD7655ASTZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
AD7655
Rev. B | Page 3 of 28
SPECIFICATIONS
AVDD = DVDD = 5 V, OVDD = 2.7 V to 5.25 V; VREF = 2.5 V; all specifications TMIN to TMAX, unless otherwise noted.
Table 2.
Parameter
Conditions
Min
Typ
Max
Unit
RESOLUTION
16
Bits
ANALOG INPUT
Voltage Range
VINx – VINxN
0
2 VREF
V
Common-Mode Input Voltage
VINxN
−0.1
+0.5
V
Analog Input CMRR
fIN = 100 kHz
55
dB
Input Current
1 MSPS throughput
45
μA
Input Impedance1
THROUGHPUT SPEED
Complete Cycle (2 Channels)
Normal mode
2
μs
Throughput Rate
Normal mode
0
1
MSPS
Complete Cycle (2 Channels)
Impulse mode
2.25
μs
Throughput Rate
Impulse mode
0
888
kSPS
DC ACCURACY
Integral Linearity Error2
−6
+6
LSB3
No Missing Codes
15
Bits
Transition Noise
0.8
LSB
Full-Scale Error4
TMIN to TMAX
±0.25
±0.5
% of FSR
Full-Scale Error Drift4
±2
ppm/°C
Unipolar Zero Error4
TMIN to TMAX
±0.25
% of FSR
Unipolar Zero Error Drift4
±0.8
ppm/°C
Power Supply Sensitivity
AVDD = 5 V ± 5%
±0.8
LSB
AC ACCURACY
Signal-to-Noise
fIN = 100 kHz
86
dB5
Spurious-Free Dynamic Range
fIN = 100 kHz
98
dB
Total Harmonic Distortion
fIN = 100 kHz
−96
dB
Signal-to-Noise and Distortion
fIN = 100 kHz
86
dB
fIN = 100 kHz, −60 dB input
30
dB
Channel-to-Channel Isolation
fIN = 100 kHz
−92
dB
−3 dB Input Bandwidth
10
MHz
SAMPLING DYNAMICS
Aperture Delay
2
ns
Aperture Delay Matching
30
ps
Aperture Jitter
5
ps rms
Transient Response
Full-scale step
250
ns
REFERENCE
External Reference Voltage Range
2.3
2.5
AVDD/2
V
External Reference Current Drain
1 MSPS throughput
180
μA
DIGITAL INPUTS
Logic Levels
VIL
−0.3
+0.8
V
VIH
+2.0
DVDD + 0.3
V
IIL
−1
+1
μA
IIH
−1
+1
μA
DIGITAL OUTPUTS
Data Format6
Pipeline Delay7
VOL
ISINK = 1.6 mA
0.4
V
VOH
ISOURCE = −500 μA
OVDD − 0.2
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com