Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADG428TQ Datasheet(PDF) 3 Page - Analog Devices

Part # ADG428TQ
Description  LC2MOS Latchable 4-/8-Channel High Performance Analog Multiplexers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG428TQ Datasheet(HTML) 3 Page - Analog Devices

  ADG428TQ Datasheet HTML 1Page - Analog Devices ADG428TQ Datasheet HTML 2Page - Analog Devices ADG428TQ Datasheet HTML 3Page - Analog Devices ADG428TQ Datasheet HTML 4Page - Analog Devices ADG428TQ Datasheet HTML 5Page - Analog Devices ADG428TQ Datasheet HTML 6Page - Analog Devices ADG428TQ Datasheet HTML 7Page - Analog Devices ADG428TQ Datasheet HTML 8Page - Analog Devices ADG428TQ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
REV. C
–3–
ADG428/ADG429
SINGLE SUPPLY1
B Version
T Version
–40 C to
–55 C to
Parameter
+25 C
+85 C
+25 C
+125 C
Units
Test Conditions/Comments
ANALOG SWITCH
Analog Signal Range
0 to VDD
0 to VDD
V
RON
90
90
Ω typ
VD = +10 V, IS = –500
µA
200
200
Ω max
∆R
ON
10
10
% max
0 V < VS < 10 V, IS = –1 mA
LEAKAGE CURRENTS
Source OFF Leakage IS (OFF)
±0.005
±0.005
nA typ
VD = 10 V/0 V, VS = 0 V/10 V;
±0.5
±50
±0.5
±50
nA max
Test Circuit 2
Drain OFF Leakage ID (OFF)
VD = 10 V/0 V, VS = 0 V/10 V;
ADG428
±0.015
±0.015
nA typ
Test Circuit 3
±1
±100
±1
±100
nA max
ADG429
±0.008
±0.008
nA typ
±1
±50
±1
±50
nA max
Channel ON Leakage ID, IS (ON)
VS = VD = 10 V/0 V;
ADG428
±0.02
±0.02
nA typ
Test Circuit 4
±1
±100
±1
±100
nA max
ADG429
±0.01
±0.01
nA max
±1
±50
±1
±50
nA max
DIGITAL INPUTS
Input High Voltage, VINH
2.4
2.4
V min
Input Low Voltage, VINL
0.8
0.8
V max
Input Current
IINL or IINH
±1
±1
µA max V
IN = 0 or VDD
CIN, Digital Input Capacitance
8
8
pF typ
f = 1 MHz
DYNAMIC CHARACTERISTICS2
tTRANSITION
250
250
ns typ
RL = 1 M
Ω, C
L = 35 pF;
350
450
350
450
ns max
VS1 = 10 V/0 V, VS8 = 0 V/10 V;
Test Circuit 5
tOPEN
25
10
25
10
ns min
RL = 1 k
Ω, C
L = 35 pF;
VS = +5 V; Test Circuit 6
tON (EN, WR)
200
200
ns typ
RL = 1 k
Ω, C
L = 35 pF;
300
400
300
400
ns max
VS = +5 V; Test Circuit 7
tOFF (EN, RS)
80
80
ns typ
RL = 1 k
Ω, C
L = 35 pF;
300
400
300
400
ns max
VS = +5 V; Test Circuit 7
tW, Write Pulsewidth
100
100
ns min
tS, Address, Enable Setup Time
100
100
ns min
tH, Address, Enable Hold Time
10
10
ns min
tRS, Reset Pulsewidth
100
100
ns min
VS = +5 V
Charge Injection
4
4
pC typ
VS = 6 V, RS = 0
Ω, C
L = 10 nF;
Test Circuit 10
OFF Isolation
–75
–75
dB typ
RL = 1 k
Ω, C
L = 15 pF, f = 100 kHz;
–60
–60
dB min
VS = 7 V rms, VEN = 0 V; Test Circuit 11
Channel-to-Channel Crosstalk
85
85
dB typ
RL = 1 k
Ω, C
L = 15 pF, f = 100 kHz;
Test Circuit 12
CS (OFF)
11
11
pF typ
f = 1 MHz
CD (OFF)
f = 1 MHz
ADG428
40
40
pF typ
ADG429
20
20
pF typ
CD, CS (ON)
f = 1 MHz
ADG428
54
54
pF typ
ADG429
34
34
pF typ
POWER REQUIREMENTS
VIN = 0 V, VEN = 0 V
IDD
20
20
µA typ
100
100
µA max
NOTES
1Temperature ranges are as follows: B Version: –40
°C to +85°C; T Version: –55°C to +125°C.
2Guaranteed by design, not subject to production test.
Specifications subject to change without notice.
(VDD = +12 V, VSS = 0 V, GND = 0 V, WR = 0 V, RS = 2.4 V unless otherwise noted)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com