Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5700-1BCPZ-R5 Datasheet(PDF) 21 Page - Analog Devices

Part # AD5700-1BCPZ-R5
Description  Low Power HART Modem
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5700-1BCPZ-R5 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD5700-1BCPZ-R5 Datasheet HTML 16Page - Analog Devices AD5700-1BCPZ-R5 Datasheet HTML 17Page - Analog Devices AD5700-1BCPZ-R5 Datasheet HTML 18Page - Analog Devices AD5700-1BCPZ-R5 Datasheet HTML 19Page - Analog Devices AD5700-1BCPZ-R5 Datasheet HTML 20Page - Analog Devices AD5700-1BCPZ-R5 Datasheet HTML 21Page - Analog Devices AD5700-1BCPZ-R5 Datasheet HTML 22Page - Analog Devices AD5700-1BCPZ-R5 Datasheet HTML 23Page - Analog Devices AD5700-1BCPZ-R5 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
Data Sheet
AD5700/AD5700-1
Rev. D | Page 21 of 24
OUTLINE DIMENSIONS
Figure 31. 24-Lead Lead Frame Chip Scale Package [LFCSP_WQ]
4 mm × 4 mm Body, Very Thin Quad
(CP-24-10)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
Temperature Range
Oscillator Options
Receive Supply
Current
Package Description
Package
Option
AD5700BCPZ-R5
−40°C to +125°C
External clock, crystal
157 µA
24-Lead LFCSP_WQ
CP-24-10
AD5700BCPZ-RL7
−40°C to +125°C
External clock, crystal
157 µA
24-Lead LFCSP_WQ
CP-24-10
AD5700ACPZ-RL7
−40°C to +125°C
External clock, crystal
260 µA
24-Lead LFCSP_WQ
CP-24-10
AD5700-1BCPZ-R5
−40°C to +125°C
External clock, crystal
or internal oscillator
442 µA
24-Lead LFCSP_WQ
CP-24-10
AD5700-1BCPZ-RL7
−40°C to +125°C
External clock, crystal
or internal oscillator
442 µA
24-Lead LFCSP_WQ
CP-24-10
AD5700-1ACPZ-RL7
−40°C to +125°C
External clock, crystal
or internal oscillator
540 µA
24-Lead LFCSP_WQ
CP-24-10
EVAL-AD5700-1EBZ
Evaluation Board for
AD5700 and AD5700-1
1
Z = RoHS Compliant Part.
0.50
BSC
0.50
0.40
0.30
0.30
0.25
0.20
COMPLIANT
TO JEDEC STANDARDS MO-220-WGGD-8.
BOTTOM VIEW
TOP VIEW
EXPOSED
PAD
PIN 1
INDICATOR
4.10
4.00 SQ
3.90
SEATING
PLANE
0.80
0.75
0.70
0.20 REF
0.25 MIN
COPLANARITY
0.08
PIN 1
INDICATOR
2.20
2.10 SQ
2.00
1
24
7
12
13
18
19
6
FOR PROPER CONNECTION OF
THE EXPOSED PAD, REFER TO
THE PIN CONFIGURATION AND
FUNCTION DESCRIPTIONS
SECTION OF THIS DATA SHEET.
0.05 MAX
0.02 NOM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com