Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP122AUJZ-2.8-R7 Datasheet(PDF) 18 Page - Analog Devices

Part # ADP122AUJZ-2.8-R7
Description  5.5 V Input, 300 mA, Low Quiescent Current, CMOS Linear Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP122AUJZ-2.8-R7 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADP122AUJZ-2.8-R7 Datasheet HTML 14Page - Analog Devices ADP122AUJZ-2.8-R7 Datasheet HTML 15Page - Analog Devices ADP122AUJZ-2.8-R7 Datasheet HTML 16Page - Analog Devices ADP122AUJZ-2.8-R7 Datasheet HTML 17Page - Analog Devices ADP122AUJZ-2.8-R7 Datasheet HTML 18Page - Analog Devices ADP122AUJZ-2.8-R7 Datasheet HTML 19Page - Analog Devices ADP122AUJZ-2.8-R7 Datasheet HTML 20Page - Analog Devices ADP122AUJZ-2.8-R7 Datasheet HTML 21Page - Analog Devices ADP122AUJZ-2.8-R7 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
ADP122/ADP123
Data Sheet
Rev. E | Page 18 of 24
150mA
0
20
40
60
80
100
120
140
0.5
1.0
1.5
2.0
2.5
3.0
VOUT – VIN (V)
TJ MAX
25mA
100mA
300mA
1mA
10mA
Figure 49. Junction Temperature vs. Power Dissipation,
0 mm2 of PCB Copper, TA = 25°C
0
20
40
60
80
100
120
140
0.5
1.0
1.5
2.0
2.5
3.0
VOUT – VIN (V)
TJ MAX
25mA
100mA
150mA
300mA
1mA
10mA
Figure 50. Junction Temperature vs. Power Dissipation,
0 mm2 of PCB Copper, TA = 50°C
0
20
40
60
80
100
120
140
0.4
0.8
1.2
1.6
2.0
2.4
2.8
VOUT – VIN (V)
25mA
100mA
150mA
300mA
TJ MAX
1mA
10mA
Figure 51. Junction Temperature vs. Power Dissipation,
Board Temperature = 85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com