Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP124ARHZ-1.8-R7 Datasheet(PDF) 2 Page - Analog Devices

Part # ADP124ARHZ-1.8-R7
Description  5.5 V Input, 500 mA, Low Quiescent Current, CMOS Linear Regulators
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP124ARHZ-1.8-R7 Datasheet(HTML) 2 Page - Analog Devices

  ADP124ARHZ-1.8-R7 Datasheet HTML 1Page - Analog Devices ADP124ARHZ-1.8-R7 Datasheet HTML 2Page - Analog Devices ADP124ARHZ-1.8-R7 Datasheet HTML 3Page - Analog Devices ADP124ARHZ-1.8-R7 Datasheet HTML 4Page - Analog Devices ADP124ARHZ-1.8-R7 Datasheet HTML 5Page - Analog Devices ADP124ARHZ-1.8-R7 Datasheet HTML 6Page - Analog Devices ADP124ARHZ-1.8-R7 Datasheet HTML 7Page - Analog Devices ADP124ARHZ-1.8-R7 Datasheet HTML 8Page - Analog Devices ADP124ARHZ-1.8-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
ADP124/ADP125
Data Sheet
Rev. C | Page 2 of 20
TABLE OF CONTENTS
Features .............................................................................................. 1
Applications....................................................................................... 1
Typical Application Circuits............................................................ 1
General Description ......................................................................... 1
Revision History ............................................................................... 2
Specifications..................................................................................... 3
Recommended Capacitor Specifications................................... 4
Absolute Maximum Ratings............................................................ 5
Thermal Data ................................................................................ 5
Thermal Resistance ...................................................................... 5
ESD Caution.................................................................................. 5
Pin Configurations and Function Descriptions ........................... 6
Typical Performance Characteristics ..............................................7
Theory of Operation ...................................................................... 11
Applications Information .............................................................. 12
Capacitor Selection .................................................................... 12
Undervoltage Lockout ............................................................... 13
Enable Feature ............................................................................ 13
Current Limit and Thermal Overload Protection ................. 14
Thermal Considerations............................................................ 14
Junction Temperature Calculations ......................................... 15
Printed Circuit Board Layout Considerations........................ 16
Outline Dimensions....................................................................... 17
Ordering Guide .......................................................................... 18
REVISION HISTORY
6/12—Rev. B to Rev. C
Changes to Table 3.............................................................................5
Updated Outline Dimensions........................................................17
4/12—Rev. A to Rev. B
Updated Outline Dimensions........................................................17
Changes to Ordering Guide ...........................................................18
9/10—Rev. 0 to Rev. A
Added 8-Lead LFCSP Package..................................... Throughout
Added Figure 4 and Figure 6 (Renumbered Sequentially) ......... 6
Changes to Thermal Conditions Section and Table 6 ............... 14
Added Table 7.................................................................................. 14
Changes to Junction Temperature Calculations Section........... 15
Added Figure 44.............................................................................. 16
Updated Outline Dimensions....................................................... 17
Changes to Ordering Guide .......................................................... 18
12/09—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com