Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7980ARMZ Datasheet(PDF) 11 Page - Analog Devices

Part # AD7980ARMZ
Description  16-Bit, 1 MSPS PulSAR ADC in MSOP/QFN
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7980ARMZ Datasheet(HTML) 11 Page - Analog Devices

Back Button AD7980ARMZ Datasheet HTML 7Page - Analog Devices AD7980ARMZ Datasheet HTML 8Page - Analog Devices AD7980ARMZ Datasheet HTML 9Page - Analog Devices AD7980ARMZ Datasheet HTML 10Page - Analog Devices AD7980ARMZ Datasheet HTML 11Page - Analog Devices AD7980ARMZ Datasheet HTML 12Page - Analog Devices AD7980ARMZ Datasheet HTML 13Page - Analog Devices AD7980ARMZ Datasheet HTML 14Page - Analog Devices AD7980ARMZ Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
Data Sheet
AD7980
Rev. C | Page 11 of 28
100
80
10
1000
FREQUENCY (kHz)
95
90
85
100
Figure 18. SINAD vs. Frequency
95
85
89
87
91
93
–55
125
TEMPERATURE (°C)
–35
–15
5
25
65
85
45
105
Figure 19. SNR vs. Temperature
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
2.425
2.475
VDD VOLTAGE (V)
2.375
2.525
2.575
2.625
IVDD
IREF
IVIO
Figure 20. Operating Currents vs. Supply
–85
–125
10
1000
FREQUENCY (kHz)
100
–90
–95
–100
–105
–110
–115
–120
Figure 21. THD vs. Frequency
–110
–120
–55
–35
–15
5
25
TEMPERATURE (°C)
45
65
85
105
125
–112
–114
–116
–118
Figure 22. THD vs. Temperature
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
–55
–35
–15
5
25
TEMPERATURE (°C)
45
65
85
105
125
IVDD
IREF
IVIO
Figure 23. Operating Currents vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com