Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8232ACPZ-R7 Datasheet(PDF) 5 Page - Analog Devices

Part # AD8232ACPZ-R7
Description  Single-Lead, Heart Rate Monitor Front End
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8232ACPZ-R7 Datasheet(HTML) 5 Page - Analog Devices

  AD8232ACPZ-R7 Datasheet HTML 1Page - Analog Devices AD8232ACPZ-R7 Datasheet HTML 2Page - Analog Devices AD8232ACPZ-R7 Datasheet HTML 3Page - Analog Devices AD8232ACPZ-R7 Datasheet HTML 4Page - Analog Devices AD8232ACPZ-R7 Datasheet HTML 5Page - Analog Devices AD8232ACPZ-R7 Datasheet HTML 6Page - Analog Devices AD8232ACPZ-R7 Datasheet HTML 7Page - Analog Devices AD8232ACPZ-R7 Datasheet HTML 8Page - Analog Devices AD8232ACPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
Data Sheet
AD8232
Rev. A | Page 5 of 28
ABSOLUTE MAXIMUM RATINGS
Table 2.
Parameter
Rating
Supply Voltage
3.6 V
Output Short-Circuit Current Duration
Indefinite
Maximum Voltage, Any Terminal1
+VS + 0.3 V
Minimum Voltage, Any Terminal1
−0.3 V
Storage Temperature Range
−65°C to +125°C
Operating Temperature Range
−40°C to +85°C
Maximum Junction Temperature
140°C
θJA Thermal Impedance2
48°C/W
θJC Thermal Impedance
4.4°C/W
ESD Rating
Human Body Model (HBM)
8 kV
Charged Device Model (FICDM)
1.25 kV
Machine Model (MM)
200 V
1
This level or the maximum specified supply voltage, whichever is the lesser,
indicates the superior voltage limit for any terminal. If input voltages beyond
the specified minimum or maximum voltages are expected, place resistors in
series with the inputs to limit the current to less than 5 mA.
2
θJA is specified for a device in free air on a 4-layer JEDEC board.
ESD CAUTION
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com