Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP122AUJZ-2.9-R7 Datasheet(PDF) 6 Page - Analog Devices

Part # ADP122AUJZ-2.9-R7
Description  5.5 V Input, 300 mA, Low Quiescent Current, CMOS Linear Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP122AUJZ-2.9-R7 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADP122AUJZ-2.9-R7 Datasheet HTML 2Page - Analog Devices ADP122AUJZ-2.9-R7 Datasheet HTML 3Page - Analog Devices ADP122AUJZ-2.9-R7 Datasheet HTML 4Page - Analog Devices ADP122AUJZ-2.9-R7 Datasheet HTML 5Page - Analog Devices ADP122AUJZ-2.9-R7 Datasheet HTML 6Page - Analog Devices ADP122AUJZ-2.9-R7 Datasheet HTML 7Page - Analog Devices ADP122AUJZ-2.9-R7 Datasheet HTML 8Page - Analog Devices ADP122AUJZ-2.9-R7 Datasheet HTML 9Page - Analog Devices ADP122AUJZ-2.9-R7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
ADP122/ADP123
Data Sheet
Rev. E | Page 6 of 24
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
ADP122
TOP VIEW
(Not to Scale)
1
VIN
2
GND
3
EN
5
VOUT
4
NC
NC = NO CONNECT
Figure 5. ADP122 TSOT Fixed Output Pin Configuration
TOP VIEW
(Not to Scale)
ADP122
3
GND
1
VOUT
2
NC
4
EN
6
VIN
5
NC
NOTES
1. NC = NOT CONNECT. THIS PIN CAN BE LEFT FLOATING
OR CONNECTED TO GROUND.
2. EXPOSED PAD MUST BE CONNECTED TO GND.
Figure 6. ADP122 LFCSP Fixed Output Pin Configuration
ADP123
TOP VIEW
(Not to Scale)
1
VIN
2
GND
3
EN
5
VOUT
4
ADJ
Figure 7. ADP123 TSOT Adjustable Output Pin Configuration
TOP VIEW
(Not to Scale)
ADP123
3
GND
1
VOUT
2
ADJ
4
EN
6
NOTES
1. NC = NOT CONNECT. THIS PIN CAN BE LEFT FLOATING
OR CONNECTED TO GROUND.
2. EXPOSED PAD MUST BE CONNECTED TO GND.
VIN
5
NC
Figure 8. ADP123 LFCSP Adjustable Output Pin Configuration
Table 5. Pin Function Descriptions
Pin No.
Mnemonic
Description
ADP122
ADP123
TSOT
LFCSP
TSOT
LFCSP
1
6
1
6
VIN
Regulator Input Supply. Bypass VIN to GND with a capacitor of at least 1 µF.
2
3
2
3
GND
Ground.
3
4
3
4
EN
Enable Input. Drive EN high to turn on the regulator; drive EN low to turn off the
regulator. For automatic startup, connect EN to VIN.
N/A
N/A
4
2
ADJ
Output Voltage Adjust Input. Connect the midpoint of an external divider from VOUT to
GND to this pin to set the output voltage.
4
2, 5
N/A
5
NC
No Connect. These pins are not internally bonded. They can be left floating or connected
to ground.
5
1
5
1
VOUT
Regulated Output Voltage. Bypass VOUT to GND with a capacitor of at least 1 µF.
N/A
EP
N/A
EP
EPAD
Exposed Pad. The exposed pad must be connected to ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com