Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP122ACPZ-2.0-R7 Datasheet(PDF) 13 Page - Analog Devices

Part # ADP122ACPZ-2.0-R7
Description  5.5 V Input, 300 mA, Low Quiescent Current, CMOS Linear Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP122ACPZ-2.0-R7 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADP122ACPZ-2.0-R7 Datasheet HTML 9Page - Analog Devices ADP122ACPZ-2.0-R7 Datasheet HTML 10Page - Analog Devices ADP122ACPZ-2.0-R7 Datasheet HTML 11Page - Analog Devices ADP122ACPZ-2.0-R7 Datasheet HTML 12Page - Analog Devices ADP122ACPZ-2.0-R7 Datasheet HTML 13Page - Analog Devices ADP122ACPZ-2.0-R7 Datasheet HTML 14Page - Analog Devices ADP122ACPZ-2.0-R7 Datasheet HTML 15Page - Analog Devices ADP122ACPZ-2.0-R7 Datasheet HTML 16Page - Analog Devices ADP122ACPZ-2.0-R7 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
Data Sheet
ADP122/ADP123
Rev. E | Page 13 of 24
Therefore, the capacitor chosen in this example meets the
minimum capacitance requirement of the LDO over tem-
perature and tolerance at the chosen output voltage.
To guarantee the performance of the ADP122/ADP123, it is
imperative that the effects of dc bias, temperature, and tolerances
on the behavior of the capacitors are evaluated for each application.
UNDERVOLTAGE LOCKOUT
The ADP122/ADP123 have an internal undervoltage lockout
circuit that disables all inputs and the output when the input
voltage is less than approximately 2 V. This ensures that the
ADP122/ADP123 inputs and the output behave in a predictable
manner during power-up.
ENABLE FEATURE
The ADP122/ADP123 uses the EN pin to enable and disable the
VOUT pin under normal operating conditions. As shown in
Figure 35, when a rising voltage on EN crosses the active threshold,
VOUT turns on. Conversely, when a falling voltage on EN crosses
the inactive threshold, VOUT turns off.
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
VEN
Figure 35. Typical EN Pin Operation
As shown in Figure 35, the EN pin has built-in hysteresis. This
prevents on/off oscillations that may occur due to noise on the
EN pin as it passes through the threshold points.
The active and inactive thresholds of the EN pin are derived from
the VIN voltage. Therefore, these thresholds vary as the input
voltage changes. Figure 36 shows typical EN active and inactive
thresholds when the VIN voltage varies from 2.3 V to 5.5 V.
0.5
0.6
0.7
0.8
0.9
1.0
1.1
2.2
2.7
3.2
3.7
4.2
4.7
5.2
VIN(V)
RISING
FALLING
Figure 36. Typical EN Pin Thresholds vs. Input Voltage
The ADP122/ADP123 utilize an internal soft start to limit the
in-rush current when the output is enabled. The start-up time
for the 2.8 V option is approximately 350 µs from the time the
EN active threshold is crossed to when the output reaches 90%
of its final value. As shown in Figure 37, the start-up time is
dependent on the output voltage setting and increases slightly
as the output voltage increases.
CH1 1.00V
CH2 1.00V
M200µs
A CH1
3.08V
2
1
T
600.000µs
VOUT = 2.8V
VOUT = 3.3V
VOUT = 4.2V
VIN = 5V
Figure 37. Typical Start-Up Time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com