Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP122AUJZ-3.0-R7 Datasheet(PDF) 21 Page - Analog Devices

Part # ADP122AUJZ-3.0-R7
Description  5.5 V Input, 300 mA, Low Quiescent Current, CMOS Linear Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP122AUJZ-3.0-R7 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADP122AUJZ-3.0-R7 Datasheet HTML 16Page - Analog Devices ADP122AUJZ-3.0-R7 Datasheet HTML 17Page - Analog Devices ADP122AUJZ-3.0-R7 Datasheet HTML 18Page - Analog Devices ADP122AUJZ-3.0-R7 Datasheet HTML 19Page - Analog Devices ADP122AUJZ-3.0-R7 Datasheet HTML 20Page - Analog Devices ADP122AUJZ-3.0-R7 Datasheet HTML 21Page - Analog Devices ADP122AUJZ-3.0-R7 Datasheet HTML 22Page - Analog Devices ADP122AUJZ-3.0-R7 Datasheet HTML 23Page - Analog Devices ADP122AUJZ-3.0-R7 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
Data Sheet
ADP122/ADP123
Rev. E | Page 21 of 24
ORDERING GUIDE
Model1
Temperature Range
Output Voltage (V)2
Package Description
Package Option
Branding
ADP122AUJZ-1.8-R7
–40°C to +125°C
1.8
5-Lead TSOT
UJ-5
LJS
ADP122AUJZ-2.5-R7
–40°C to +125°C
2.5
5-Lead TSOT
UJ-5
LE6
ADP122AUJZ-2.7-R7
–40°C to +125°C
2.7
5-Lead TSOT
UJ-5
LE9
ADP122AUJZ-2.8-R7
–40°C to +125°C
2.8
5-Lead TSOT
UJ-5
LEA
ADP122AUJZ-2.85-R7
–40°C to +125°C
2.85
5-Lead TSOT
UJ-5
LEC
ADP122AUJZ-2.9-R7
–40°C to +125°C
2.9
5-Lead TSOT
UJ-5
LED
ADP122AUJZ-3.0-R7
–40°C to +125°C
3.0
5-Lead TSOT
UJ-5
LEE
ADP122AUJZ-3.3-R7
–40°C to +125°C
3.3
5-Lead TSOT
UJ-5
LEF
ADP122ACPZ-1.8-R7
–40°C to +125°C
1.8
6-Lead LFCSP_UD
CP-6-3
LJS
ADP122ACPZ-2.0-R7
–40°C to +125°C
2.0
6-Lead LFCSP_UD
CP-6-3
LJT
ADP122ACPZ-2.5-R7
–40°C to +125°C
2.5
6-Lead LFCSP_UD
CP-6-3
LE6
ADP122ACPZ-2.6-R7
–40°C to +125°C
2.6
6-Lead LFCSP_UD
CP-6-3
LJU
ADP122ACPZ-2.8-R7
–40°C to +125°C
2.8
6-Lead LFCSP_UD
CP-6-3
LEA
ADP122ACPZ-3.0-R7
–40°C to +125°C
3.0
6-Lead LFCSP_UD
CP-6-3
LEE
ADP122ACPZ-3.3-R7
–40°C to +125°C
3.3
6-Lead LFCSP_UD
CP-6-3
LEF
ADP123AUJZ-R7
–40°C to +125°C
0.8 to 5.0 (Adjustable)
5-Lead TSOT
UJ-5
LEG
ADP123ACPZ-R7
–40°C to +125°C
0.8 to 5.0 (Adjustable)
6-Lead LFCSP_UD
CP-6-3
LEG
ADP122-3.3-EVALZ
3.3
Evaluation Board
ADP123-EVALZ
Adjustable
Evaluation Board
ADP122UJZ-REDYKIT
REDYKIT 2.5,3.3
REDYKIT
1 Z = RoHS Compliant Part.
2 Up to 31 fixed-output voltage options from 1.75 V to 3.3 V are available. For additional voltage options, contact a local Analog Devices, Inc., sales or distribution
representative.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com