Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP124ARHZ-3.0-R7 Datasheet(PDF) 17 Page - Analog Devices

Part # ADP124ARHZ-3.0-R7
Description  5.5 V Input, 500 mA, Low Quiescent Current, CMOS Linear Regulators
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP124ARHZ-3.0-R7 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADP124ARHZ-3.0-R7 Datasheet HTML 12Page - Analog Devices ADP124ARHZ-3.0-R7 Datasheet HTML 13Page - Analog Devices ADP124ARHZ-3.0-R7 Datasheet HTML 14Page - Analog Devices ADP124ARHZ-3.0-R7 Datasheet HTML 15Page - Analog Devices ADP124ARHZ-3.0-R7 Datasheet HTML 16Page - Analog Devices ADP124ARHZ-3.0-R7 Datasheet HTML 17Page - Analog Devices ADP124ARHZ-3.0-R7 Datasheet HTML 18Page - Analog Devices ADP124ARHZ-3.0-R7 Datasheet HTML 19Page - Analog Devices ADP124ARHZ-3.0-R7 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
Data Sheet
ADP124/ADP125
Rev. C | Page 17 of 20
OUTLINE DIMENSIONS
COMPLIANT TO JEDEC STANDARDS MO-187-AA-T
0.70
0.55
0.40
0.94
0.86
0.78
SEATING
PLANE
1.10 MAX
0.15
0.10
0.05
0.40
0.33
0.25
5.05
4.90
4.75
2.26
2.16
2.06
1.83
1.73
1.63
3.10
3.00
2.90
3.10
3.00
2.90
8
5
4
1
0.65 BSC
0.525 BSC
PIN 1
INDICATOR
COPLANARITY
0.10
0.23
0.18
0.13
TOP
VIEW
BOTTOM VIEW
EXPOSED
PAD
FOR PROPER CONNECTION OF
THE EXPOSED PAD, REFER TO
THE PIN CONFIGURATION AND
FUNCTION DESCRIPTIONS
SECTION OF THIS DATA SHEET.
Figure 45. 8-Lead Mini Small Outline Package with Exposed Pad [MINI_SO_EP]
(RH-8-1)
Dimensions shown in millimeters
TOP VIEW
8
1
5
4
BOTTOM VIEW
(WITH EXPOSED PAD)
PIN 1 INDEX
AREA
2.00
BSC SQ
SEATING
PLANE
0.60
0.55
0.50
0.20 REF
0.20 MIN
0.05 MAX
0.02 NOM
0.30
0.25
0.20
1.10
1.00
0.90
1.70
1.60
1.50
0.50
BSC
PIN 1
INDICATOR
(R 0.10)
FOR PROPER CONNECTION OF
THE EXPOSED PAD, REFER TO
THE PIN CONFIGURATION AND
FUNCTION DESCRIPTIONS
SECTION OF THIS DATA SHEET.
0.30
0.25
0.18
COPLANARITY
0.05
Figure 46. 8-Lead Lead Frame Chip Scale Package [LFCSP_UD]
2 mm × 2 mm Body, Ultra Thin, Dual Lead
(CP-8-8)
Dimensions shown in millimeters



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com