Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7301ARMZ Datasheet(PDF) 10 Page - Analog Devices

Part # ADT7301ARMZ
Description  짹1째C Accurate, 13-Bit, Digital Temperature Sensor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT7301ARMZ Datasheet(HTML) 10 Page - Analog Devices

Back Button ADT7301ARMZ Datasheet HTML 6Page - Analog Devices ADT7301ARMZ Datasheet HTML 7Page - Analog Devices ADT7301ARMZ Datasheet HTML 8Page - Analog Devices ADT7301ARMZ Datasheet HTML 9Page - Analog Devices ADT7301ARMZ Datasheet HTML 10Page - Analog Devices ADT7301ARMZ Datasheet HTML 11Page - Analog Devices ADT7301ARMZ Datasheet HTML 12Page - Analog Devices ADT7301ARMZ Datasheet HTML 13Page - Analog Devices ADT7301ARMZ Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
ADT7301
Rev. B | Page 10 of 16
TEMPERATURE VALUE REGISTER
The temperature value register is a 14-bit read-only register that
stores the temperature reading from the ADC in 13-bit twos
complement format plus a sign bit. The MSB (DB13) is the sign
bit. The ADC can theoretically measure a 255°C temperature
span. The internal temperature sensor is guaranteed to a low
value limit of −40°C and a high limit of +150°C. The temperature
data format is shown in Table 5, which shows the temperature
measurement range of the device (−40°C to +150°C). The
typical performance curve is shown in Figure 11.
Table 5. Temperature Data Format
Temperature
Digital Output DB13 … DB0
−40°C
11, 1011 0000 0000
−30°C
11, 1100 0100 0000
−25°C
11, 1100 1110 0000
−10°C
11, 1110 1100 0000
−0.03125°C
11, 1111 1111 1111
0°C
00, 0000 0000 0000
+0.03125°C
00, 0000 0000 0001
+10°C
00, 0001 0100 0000
+25°C
00, 0011 0010 0000
+50°C
00, 0110 0100 0000
+75°C
00, 1001 0110 0000
+100°C
00, 1100 1000 0000
+125°C
00, 1111 1010 0000
+150°C
01, 0010 1100 0000
Temperature Conversion Equations
Positive Temperature = ADC Code(d)/32
Negative Temperature = (ADC Code(d)1 − 16384)/32
Negative Temperature = (ADC Code(d)2 − 8192)/32
–40°C
–0.03125°C
–30°C
11, 1111, 1111, 1111
11, 1100, 0100, 0000
11, 1011, 0000, 0000
TEMPERATURE (°C)
75°C
150°C
01, 0010, 1100, 0000
00, 1001, 0110, 0000
00, 0000, 0000, 0001
Figure 13. Temperature-to-Digital Transfer Function
1 ADC code uses all 14 bits of the data byte, including the sign bit.
2 DB13 (the sign bit) is removed from the ADC code.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com