Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP122ACPZ-2.8-R7 Datasheet(PDF) 3 Page - Analog Devices

Part # ADP122ACPZ-2.8-R7
Description  5.5 V Input, 300 mA, Low Quiescent Current, CMOS Linear Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP122ACPZ-2.8-R7 Datasheet(HTML) 3 Page - Analog Devices

  ADP122ACPZ-2.8-R7 Datasheet HTML 1Page - Analog Devices ADP122ACPZ-2.8-R7 Datasheet HTML 2Page - Analog Devices ADP122ACPZ-2.8-R7 Datasheet HTML 3Page - Analog Devices ADP122ACPZ-2.8-R7 Datasheet HTML 4Page - Analog Devices ADP122ACPZ-2.8-R7 Datasheet HTML 5Page - Analog Devices ADP122ACPZ-2.8-R7 Datasheet HTML 6Page - Analog Devices ADP122ACPZ-2.8-R7 Datasheet HTML 7Page - Analog Devices ADP122ACPZ-2.8-R7 Datasheet HTML 8Page - Analog Devices ADP122ACPZ-2.8-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
Data Sheet
ADP122/ADP123
Rev. E | Page 3 of 24
SPECIFICATIONS
Unless otherwise noted, VIN = (VOUT + 0.3 V) or 2.3 V, whichever is greater; ADJ connected to VOUT; IOUT = 10 mA; CIN = 1.0 µF;
COUT = 1.0 µF; TA = 25°C.
Table 1.
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
INPUT VOLTAGE RANGE
V
IN
2.3
5.5
V
OPERATING SUPPLY CURRENT1
I
GND
I
OUT = 0 µA
45
µA
I
OUT = 0 µA, TJ = −40°C to +125°C
105
µA
I
OUT = 1 mA
60
µA
I
OUT = 1 mA, TJ = −40°C to +125°C
120
µA
I
OUT = 150 mA
130
µA
I
OUT = 150 mA, TJ = −40°C to +125°C
190
µA
I
OUT = 300 mA
170
µA
I
OUT = 300 mA, TJ = −40°C to +125°C
240
µA
SHUTDOWN CURRENT
I
SD
EN = GND
0.1
µA
EN = GND, T
J = −40°C to +125°C
1
µA
OUTPUT VOLTAGE ACCURACY2
V
OUT
Fixed Output
I
OUT = 10 mA
−1
+1
%
100 µA < I
OUT < 300 mA, VIN = (VOUT + 0.5 V) to 5.5 V,
T
J = −40°C to +125°C
−2
+1.5
%
Adjustable Output
I
OUT = 10 mA
0.495
0.500
0.505
V
100 µA < I
OUT < 300 mA, VIN = 2.3 V to 5.5 V,
T
J = −40°C to +125°C
0.490
0.500
0.5075
V
LINE REGULATION
∆V
OUT/∆VIN
V
IN = VIN = 2.3 V to 5.5 V, TJ = −40°C to +125°C
−0.05
+0.05
%/V
LOAD REGULATION3
∆V
OUT/∆IOUT
I
OUT = 1 mA to 300 mA
0.0005
%/mA
I
OUT = 1 mA to 300 mA , TJ = −40°C to +125°C
0.001
%/mA
ADJ INPUT BIAS CURRENT
ADJ
I-BIAS
2.3 V ≤ V
IN ≤ 5.5 V, ADJ connected to VOUT
15
nA
DROPOUT VOLTAGE4
V
DROPOUT
I
OUT = 10 mA, VOUT > 2.3 V
3
mV
I
OUT = 10 mA, TJ = −40°C to +125°C
5
mV
I
OUT = 150 mA, VOUT > 2.3 V
45
mV
I
OUT = 150 mA, TJ = −40°C to +125°C
75
mV
I
OUT = 300 mA, VOUT > 2.3V
85
mV
I
OUT = 300 mA, TJ = −40°C to +125°C
150
mV
START-UP TIME5
t
START-UP
V
OUT = 3.0 V
350
µs
CURRENT LIMIT THRESHOLD6
I
LIMIT
350
500
650
mA
THERMAL SHUTDOWN
Thermal Shutdown Threshold
TS
SD
T
J rising
150
°C
Thermal Shutdown Hysteresis
TS
SD-HYS
15
°C
EN INPUT
EN Input Logic High
V
IH
2.3 V ≤ V
IN ≤ 5.5 V
1.2
V
EN Input Logic Low
V
IL
2.3 V ≤ V
IN ≤ 5.5 V
0.4
V
EN Input Leakage Current
V
I-LEAKAGE
EN = VIN or GND
0.1
µA
EN = VIN or GND, T
J = −40°C to +125°C
1
µA
UNDERVOLTAGE LOCKOUT
UVLO
Input Voltage Rising
UVLO
RISE
T
J = −40°C to +125°C
2.1
V
Input Voltage Falling
UVLO
FALL
T
J = −40°C to +125°C
1.5
V
Hysteresis
UVLO
HYS
T
A = 25°C
125
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com