Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP125ARHZ-R7 Datasheet(PDF) 18 Page - Analog Devices

Part # ADP125ARHZ-R7
Description  5.5 V Input, 500 mA, Low Quiescent Current, CMOS Linear Regulators
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP125ARHZ-R7 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADP125ARHZ-R7 Datasheet HTML 12Page - Analog Devices ADP125ARHZ-R7 Datasheet HTML 13Page - Analog Devices ADP125ARHZ-R7 Datasheet HTML 14Page - Analog Devices ADP125ARHZ-R7 Datasheet HTML 15Page - Analog Devices ADP125ARHZ-R7 Datasheet HTML 16Page - Analog Devices ADP125ARHZ-R7 Datasheet HTML 17Page - Analog Devices ADP125ARHZ-R7 Datasheet HTML 18Page - Analog Devices ADP125ARHZ-R7 Datasheet HTML 19Page - Analog Devices ADP125ARHZ-R7 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
ADP124/ADP125
Data Sheet
Rev. C | Page 18 of 20
ORDERING GUIDE
Model1
Temperature Range (T
J)
Output Voltage (V)2
Package Description
Package Option
Branding
ADP124ARHZ-1.8-R7
–40°C to +125°C
1.8
8-Lead MINI_SO_EP
RH-8-1
37
ADP124ARHZ-2.5-R7
–40°C to +125°C
2.5
8-Lead MINI_SO_EP
RH-8-1
3T
ADP124ARHZ-2.7-R7
–40°C to +125°C
2.7
8-Lead MINI_SO_EP
RH-8-1
3U
ADP124ARHZ-2.8-R7
–40°C to +125°C
2.8
8-Lead MINI_SO_EP
RH-8-1
3Z
ADP124ARHZ-2.85-R7
–40°C to +125°C
2.85
8-Lead MINI_SO_EP
RH-8-1
40
ADP124ARHZ-2.9-R7
–40°C to +125°C
2.9
8-Lead MINI_SO_EP
RH-8-1
41
ADP124ARHZ-3.0-R7
–40°C to +125°C
3.0
8-Lead MINI_SO_EP
RH-8-1
49
ADP124ARHZ-3.3-R7
–40°C to +125°C
3.3
8-Lead MINI_SO_EP
RH-8-1
4F
ADP124ACPZ-1.8-R7
–40°C to +125°C
1.8
8-Lead LFCSP_UD
CP-8-8
LHH
ADP124ACPZ-2.8-R7
–40°C to +125°C
2.8
8-Lead LFCSP_UD
CP-8-8
LHJ
ADP124ACPZ-2.9-R7
–40°C to +125°C
2.9
8-Lead LFCSP_UD
CP-8-8
LM2
ADP124ACPZ-3.0-R7
–40°C to +125°C
3.0
8-Lead LFCSP_UD
CP-8-8
LHK
ADP124ACPZ-3.3-R7
–40°C to +125°C
3.3
8-Lead LFCSP_UD
CP-8-8
LHL
ADP125ACPZ-R7
–40°C to +125°C
0.8 to 5.0 (Adjustable)
8-Lead LFCSP_UD
CP-8-8
LHM
ADP125ARHZ-R7
–40°C to +125°C
0.8 to 5.0 (Adjustable)
8-Lead MINI_SO_EP
RH-8-1
38
ADP125ARHZ
–40°C to +125°C
0.8 to 5.0 (Adjustable)
8-Lead MINI_SO_EP
RH-8-1
38
ADP124-3.3-EVALZ
3.3
MSOP Evaluation Board
ADP125-EVALZ
Adjustable
MSOP Evaluation Board
ADP124CP-3.3-EVALZ
3.3
LFCSP Evaluation Board
ADP125CP-EVALZ
Adjustable
LFCSP Evaluation Board
ADP124RHZ-REDYKIT
REDYKIT
ADP124CPZ-REDYKIT
REDYKIT
1 Z = RoHS Compliant Part.
2 Up to 31 fixed-output voltage options from 1.75 V to 3.3 V are available. For additional voltage options, contact a local Analog Devices, Inc., sales or distribution
representative.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com