Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1715ARMZ-2.5-R7 Datasheet(PDF) 17 Page - Analog Devices

Part # ADP1715ARMZ-2.5-R7
Description  500 mA, Low Dropout, CMOS Linear Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1715ARMZ-2.5-R7 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADP1715ARMZ-2.5-R7 Datasheet HTML 12Page - Analog Devices ADP1715ARMZ-2.5-R7 Datasheet HTML 13Page - Analog Devices ADP1715ARMZ-2.5-R7 Datasheet HTML 14Page - Analog Devices ADP1715ARMZ-2.5-R7 Datasheet HTML 15Page - Analog Devices ADP1715ARMZ-2.5-R7 Datasheet HTML 16Page - Analog Devices ADP1715ARMZ-2.5-R7 Datasheet HTML 17Page - Analog Devices ADP1715ARMZ-2.5-R7 Datasheet HTML 18Page - Analog Devices ADP1715ARMZ-2.5-R7 Datasheet HTML 19Page - Analog Devices ADP1715ARMZ-2.5-R7 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
ADP1715/ADP1716
Rev. 0 | Page 17 of 20
ORDERING GUIDE
Model
Temperature Range
Output Voltage
(V)
Package
Description
Package
Option
Branding
ADP1715ARMZ-0.75R71
–40°C to +125°C
0.75
8-Lead MSOP
RM-8
L29
ADP1715ARMZ-0.8-R71
–40°C to +125°C
0.80
8-Lead MSOP
RM-8
L2A
ADP1715ARMZ-0.85R71
–40°C to +125°C
0.85
8-Lead MSOP
RM-8
L2C
ADP1715ARMZ-0.9-R71
–40°C to +125°C
0.90
8-Lead MSOP
RM-8
L2D
ADP1715ARMZ-0.95R71
–40°C to +125°C
0.95
8-Lead MSOP
RM-8
L2E
ADP1715ARMZ-1.0-R71
–40°C to +125°C
1.00
8-Lead MSOP
RM-8
L2F
ADP1715ARMZ-1.05R71
–40°C to +125°C
1.05
8-Lead MSOP
RM-8
L2G
ADP1715ARMZ-1.1-R71
–40°C to +125°C
1.10
8-Lead MSOP
RM-8
L2H
ADP1715ARMZ-1.15R71
–40°C to +125°C
1.15
8-Lead MSOP
RM-8
L2J
ADP1715ARMZ-1.2-R71
–40°C to +125°C
1.20
8-Lead MSOP
RM-8
L2K
ADP1715ARMZ-1.3-R71
–40°C to +125°C
1.30
8-Lead MSOP
RM-8
L32
ADP1715ARMZ-1.5-R71
–40°C to +125°C
1.50
8-Lead MSOP
RM-8
L2L
ADP1715ARMZ-1.8-R71
–40°C to +125°C
1.80
8-Lead MSOP
RM-8
L3R
ADP1715ARMZ-2.5-R71
–40°C to +125°C
2.50
8-Lead MSOP
RM-8
L33
ADP1715ARMZ-3.0-R71
–40°C to +125°C
3.00
8-Lead MSOP
RM-8
L34
ADP1715ARMZ-3.3-R71
–40°C to +125°C
3.30
8-Lead MSOP
RM-8
L35
ADP1715ARMZ-R71
–40°C to +125°C
0.8 to 5.0
8-Lead MSOP
RM-8
L3K
ADP1716ARMZ-0.75R71
–40°C to +125°C
0.75
8-Lead MSOP
RM-8
L2N
ADP1716ARMZ-0.8-R71
–40°C to +125°C
0.80
8-Lead MSOP
RM-8
L2P
ADP1716ARMZ-0.85R71
–40°C to +125°C
0.85
8-Lead MSOP
RM-8
L2Q
ADP1716ARMZ-0.9-R71
–40°C to +125°C
0.90
8-Lead MSOP
RM-8
L2R
ADP1716ARMZ-0.95R71
–40°C to +125°C
0.95
8-Lead MSOP
RM-8
L2S
ADP1716ARMZ-1.0-R71
–40°C to +125°C
1.00
8-Lead MSOP
RM-8
L2T
ADP1716ARMZ-1.05R71
–40°C to +125°C
1.05
8-Lead MSOP
RM-8
L3D
ADP1716ARMZ-1.1-R71
–40°C to +125°C
1.10
8-Lead MSOP
RM-8
L2U
ADP1716ARMZ-1.15R71
–40°C to +125°C
1.15
8-Lead MSOP
RM-8
L2 V
ADP1716ARMZ-1.2-R71
–40°C to +125°C
1.20
8-Lead MSOP
RM-8
L2W
ADP1716ARMZ-1.3-R71
–40°C to +125°C
1.30
8-Lead MSOP
RM-8
L2X
ADP1716ARMZ-1.5-R71
–40°C to +125°C
1.50
8-Lead MSOP
RM-8
L2Y
ADP1716ARMZ-1.8-R71
–40°C to +125°C
1.80
8-Lead MSOP
RM-8
L31
ADP1716ARMZ-2.5-R71
–40°C to +125°C
2.50
8-Lead MSOP
RM-8
L37
ADP1716ARMZ-3.0-R71
–40°C to +125°C
3.00
8-Lead MSOP
RM-8
L38
ADP1716ARMZ-3.3-R71
–40°C to +125°C
3.30
8-Lead MSOP
RM-8
L39
1 Z = Pb-free part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com