Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5421 Datasheet(PDF) 7 Page - Analog Devices

Part # AD5421
Description  Complete 4 mA to 20 mA Loop Powered Field Instrument with HART Interface
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5421 Datasheet(HTML) 7 Page - Analog Devices

  AD5421 Datasheet HTML 1Page - Analog Devices AD5421 Datasheet HTML 2Page - Analog Devices AD5421 Datasheet HTML 3Page - Analog Devices AD5421 Datasheet HTML 4Page - Analog Devices AD5421 Datasheet HTML 5Page - Analog Devices AD5421 Datasheet HTML 6Page - Analog Devices AD5421 Datasheet HTML 7Page - Analog Devices AD5421 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Circuit Note
CN-0267
Rev. A | Page 7 of 8
The performance summary can be seen in Table 3, and the
signal plots are shown in Figure 8 and Figure 9.
Table 3. Primary Sensor Input Noise and Resolution
Parameter
Pressure
Sensor
Resistive
Network
Full Scale
207 kPa
246 kPa
Noise RMS
1.3 Pa
0.68 Pa
Peak-to-Peak Noise
6.8 Pa
3.6 Pa
Resolution Effective (rms)
17.2 bit
18.5 bit
Noise-Free Resolution (p-p)
14.9 bit
16.1 bit
Figure 8. Pressure Sensor Input Signal Plot
Figure 9. Resistive Network as Primary Input Signal Plot
Secondary Sensor Input Performance
Similar to the primary sensor, the performance of the secondary
sensor input is mainly determined by the analog front-end of
the ADuCM360 with the exception of noise performance.
The analog input was configured to transmit temperature in
degrees Celsius (°C) to a master over the HART communication
path. Analysis was performed on two tests of 100 samples to
quantify the performance.
The first test was performed using the platinum 100 Ω sensor
on the board, and the second test was performed with the sensor
replaced on the board by a standard (fixed) 100 Ω ± 1% resistor.
The performance summary is shown in Table 4, and the signal
plots are shown in Figure 10 and Figure 11.
Table 4. Secondary Sensor Input Noise Performance
Parameter
Pressure Sensor
Resistive Network
Noise RMS
0.037°C
0.033°C
Noise Peak to Peak
0.19°C
0.16°C
Figure 10. RTD (Platinum 100 Ω) Sensor Input Signal Plot
Figure 11. Fixed 100 Ω ± 1% Resistor as the Secondary Input Signal Plot
20
25
30
35
40
0
10
20
30
40
50
60
70
80
90
100
SAMPLE
–10
–5
0
5
10
0
10
20
30
40
50
60
70
80
90
100
SAMPLE
23.0
23.5
24.0
24.5
25.0
0
10
20
30
40
50
60
70
80
90
100
SAMPLE
–1.0
–0.5
0.0
0.5
1.0
0
10
20
30
40
50
60
70
80
90
100
SAMPLE



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com