Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS16 Datasheet(PDF) 18 Page - NXP Semiconductors

Part # BAS16
Description  High-speed switching diodes, encapsulated in small Surface-Mounted Device (SMD) plastic packages
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BAS16 Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button BAS16 Datasheet HTML 12Page - NXP Semiconductors BAS16 Datasheet HTML 13Page - NXP Semiconductors BAS16 Datasheet HTML 14Page - NXP Semiconductors BAS16 Datasheet HTML 15Page - NXP Semiconductors BAS16 Datasheet HTML 16Page - NXP Semiconductors BAS16 Datasheet HTML 17Page - NXP Semiconductors BAS16 Datasheet HTML 18Page - NXP Semiconductors BAS16 Datasheet HTML 19Page - NXP Semiconductors BAS16 Datasheet HTML 20Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
BAS16_SER_5
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 05 — 25 August 2008
18 of 20
NXP Semiconductors
BAS16 series
High-speed switching diodes
12. Revision history
Table 10.
Revision history
Document ID
Release date
Data sheet status
Change notice
Supersedes
BAS16_SER_5
20080825
Product data sheet
-
BAS16_4
BAS16H_1
BAS16J_1
BAS16L_1
BAS16T_1
BAS16VV_BAS16VY_3
BAS16W_4
BAS316_4
BAS516_1
Modifications:
• The format of this data sheet has been redesigned to comply with the new identity
guidelines of NXP Semiconductors.
• Legal texts have been adapted to the new company name where appropriate.
• Table 5 “Marking codes”: marking code amended for BAS16W
• Table 6 “Limiting values”: for BAS16, BAS16T, BAS16W and BAS516 change of
VRRM maximum value from 85 V to 100 V
• Table 6 “Limiting values”: for BAS16, BAS16L, BAS16T, BAS16W and BAS516 change of
VR maximum value from 75 V to 100 V
• Table 8 “Characteristics”: change of IR condition VR from 75 V to 80 V for Tj =25 °C
• Table 8 “Characteristics”: change of IR maximum value from 1.0 µAto0.5 µA for VR =80V
and Tj =25 °C
• Table 8 “Characteristics”: change of IR condition VR from 75 V to 80 V for Tj = 150 °C
• Section 13 “Legal information”: updated
BAS16_4
20011010
Product specification
-
BAS16_3
BAS16H_1
20050415
Product data sheet
-
-
BAS16J_1
20070308
Product data sheet
-
-
BAS16L_1
20030623
Product specification
-
-
BAS16T_1
19980120
Product specification
-
-
BAS16VV_BAS16VY_3
20070420
Product data sheet
-
BAS16VV_BAS16VY_2
BAS16W_4
19990506
Product specification
-
BAS16W_3
BAS316_4
20040204
Product specification
-
BAS316_3
BAS516_1
19980831
Product specification
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com