Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSU102IST Datasheet(PDF) 10 Page - STMicroelectronics

Part # TSU102IST
Description  Nanopower, rail-to-rail input and output, 5 V CMOS operational amplifiers
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSU102IST Datasheet(HTML) 10 Page - STMicroelectronics

Back Button TSU102IST Datasheet HTML 6Page - STMicroelectronics TSU102IST Datasheet HTML 7Page - STMicroelectronics TSU102IST Datasheet HTML 8Page - STMicroelectronics TSU102IST Datasheet HTML 9Page - STMicroelectronics TSU102IST Datasheet HTML 10Page - STMicroelectronics TSU102IST Datasheet HTML 11Page - STMicroelectronics TSU102IST Datasheet HTML 12Page - STMicroelectronics TSU102IST Datasheet HTML 13Page - STMicroelectronics TSU102IST Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 33 page
background image
Electrical characteristics
TSU101, TSU102, TSU104
10/33
DocID024317 Rev 2
SR
Slew rate (10 % to 90 %)
RL = 1 MΩ, CL = 60 pF,
Vout = 0.3 V to (VCC+ - 0.3 V)
3V/ms
en
Equivalent input noise
voltage
f = 100 Hz
240
f = 1 kHz
225
∫ en
Low-frequency
peak-to-peak input noise
Bandwidth: f = 0.1 to 10 Hz
8.1
µVpp
in
Equivalent input noise
current
f = 100 Hz
0.18
f = 1 kHz
3.5
trec
Overload recovery time
100 mV from rail in comparator
RL = 100 kΩ, VID= ±VCC
-40 °C < T< 85 °C
30
µs
EMIRR
Electromagnetic
interference rejection ratio(3)
Vin = -10 dBm, f = 400 MHz
73
dB
Vin = -10 dBm, f = 900 MHz
88
Vin = -10 dBm, f = 1.8 GHz
80
Vin = -10 dBm, f = 2.4 GHz
80
1. Typical value is based on the Vio drift observed after 1000h at 125 °C extrapolated to 25 °C using the Arrhenius law and
assuming an activation energy of 0.7 eV. The operational amplifier is aged in follower mode configuration.
2. Guaranteed by design.
3. Based on evaluations performed only in conductive mode.
Table 5. Electrical characteristics at Vcc+ = 5 V with Vcc- = 0 V, Vicm = Vcc/2, Tamb = 25 ° C, and
RL = 1 MΩ connected to Vcc/2 (unless otherwise specified) (continued)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
nV
Hz
------------
fA
Hz
------------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com