Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFH4253DPBF Datasheet(PDF) 4 Page - International Rectifier

Part # IRFH4253DPBF
Description  Control and Synchronous MOSFETs for synchronous buck converters
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFH4253DPBF Datasheet(HTML) 4 Page - International Rectifier

  IRFH4253DPBF Datasheet HTML 1Page - International Rectifier IRFH4253DPBF Datasheet HTML 2Page - International Rectifier IRFH4253DPBF Datasheet HTML 3Page - International Rectifier IRFH4253DPBF Datasheet HTML 4Page - International Rectifier IRFH4253DPBF Datasheet HTML 5Page - International Rectifier IRFH4253DPBF Datasheet HTML 6Page - International Rectifier IRFH4253DPBF Datasheet HTML 7Page - International Rectifier IRFH4253DPBF Datasheet HTML 8Page - International Rectifier IRFH4253DPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
 
IRFH4253DPbF
4
www.irf.com
© 2013 International Rectifier
June 10, 2013
0.1
1
10
100
VDS, Drain-to-Source Voltage (V)
0.1
1
10
100
1000
VGS
TOP
10V
5.0V
4.5V
3.5V
3.1V
2.9V
2.7V
BOTTOM
2.5V
60µs PULSE WIDTH
Tj = 25°C
2.5V
0.1
1
10
100
VDS, Drain-to-Source Voltage (V)
1
10
100
1000
60µs PULSE WIDTH
Tj = 150°C
2.5V
VGS
TOP
10V
5.0V
4.5V
3.5V
3.1V
2.9V
2.7V
BOTTOM
2.5V
Fig 1.
Typical Output Characteristics
1.5
2.0
2.5
3.0
3.5
4.0
VGS, Gate-to-Source Voltage (V)
0.1
1
10
100
1000
TJ = 25°C
TJ = 150°C
VDS = 15V
60µs PULSE WIDTH
Fig 5.
Typical Transfer Characteristics
Fig 3.
Typical Output Characteristics
0.1
1
10
100
VDS, Drain-to-Source Voltage (V)
1
10
100
1000
VGS
TOP
10V
5.0V
4.5V
3.5V
3.0V
2.7V
2.5V
BOTTOM
2.3V
60µs PULSE WIDTH
Tj = 150°C
2.3V
0.1
1
10
100
VDS, Drain-to-Source Voltage (V)
0.1
1
10
100
1000
VGS
TOP
10V
5.0V
4.5V
3.5V
3.0V
2.7V
2.5V
BOTTOM
2.3V
60µs PULSE WIDTH
Tj = 25°C
2.3V
Fig 2.
Typical Output Characteristics
Q1 - Control FET
Q2 - Synchronous FET
Fig 4.
Typical Output Characteristics
1.0
2.0
3.0
4.0
5.0
VGS, Gate-to-Source Voltage (V)
0.1
1
10
100
1000
TJ = 25°C
TJ = 150°C
VDS = 15V
60µs PULSE WIDTH
Fig 6.
Typical Transfer Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com