Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BB201 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BB201
Description  Low-voltage variable capacitance double diode
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BB201 Datasheet(HTML) 2 Page - NXP Semiconductors

  BB201 Datasheet HTML 1Page - NXP Semiconductors BB201 Datasheet HTML 2Page - NXP Semiconductors BB201 Datasheet HTML 3Page - NXP Semiconductors BB201 Datasheet HTML 4Page - NXP Semiconductors BB201 Datasheet HTML 5Page - NXP Semiconductors BB201 Datasheet HTML 6Page - NXP Semiconductors BB201 Datasheet HTML 7Page - NXP Semiconductors BB201 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2001 Oct 12
2
NXP Semiconductors
Product specification
Low-voltage variable capacitance
double diode
BB201
FEATURES
 Excellent linearity
 C1: 95 pF; C7.5: 27.6 pF
 C1 to C7.5 ratio: min. 3.1
 Very low series resistance
 Small plastic SMD package.
APPLICATIONS
 Electronic tuning in FM-radio
 Voltage Controlled Oscillators (VCO).
DESCRIPTION
The BB201 is a variable capacitance double diode with a
common cathode, fabricated in silicon planar technology
and encapsulated in the SOT23 small plastic SMD
package.
MARKING
PINNING
TYPE NUMBER
MARKING CODE
BB201
SCp
PIN
DESCRIPTION
1
anode (a1)
2
anode (a2)
3
common cathode
handbook, halfpage
2
1
3
MAM169
2
1
3
Fig.1 Simplified outline (SOT23) and symbol.
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 60134).
SYMBOL
PARAMETER
MIN.
MAX.
UNIT
Per diode
VR
continuous reverse voltage
15
V
IF
continuous forward current
20
mA
Tstg
storage temperature range
55
+125
C
Tj
operating junction temperature
55
+125
C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com