Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISO7420FCCDR Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # ISO7420FCCDR
Description  Low-Power Dual Channel Digital Isolator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ISO7420FCCDR Datasheet(HTML) 13 Page - Texas Instruments

Back Button ISO7420FCCDR Datasheet HTML 9Page - Texas Instruments ISO7420FCCDR Datasheet HTML 10Page - Texas Instruments ISO7420FCCDR Datasheet HTML 11Page - Texas Instruments ISO7420FCCDR Datasheet HTML 12Page - Texas Instruments ISO7420FCCDR Datasheet HTML 13Page - Texas Instruments ISO7420FCCDR Datasheet HTML 14Page - Texas Instruments ISO7420FCCDR Datasheet HTML 15Page - Texas Instruments ISO7420FCCDR Datasheet HTML 16Page - Texas Instruments ISO7420FCCDR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
2.34
2.36
2.38
2.4
2.42
2.44
2.46
2.48
2.5
±50
0
50
100
150
Free-Air Temperature (
ƒC)
VCC Rising
VCC Falling
C005
V
CC Rising
V
CC Falling
13
15
17
19
21
23
25
27
±40
±5
30
65
100
135
Free-Air Temperature (
ƒC)
tpLH at 3.3 V
tpHL at 3.3 V
tpLH at 5 V
tpHL at 5 V
C006
t
pLH at 3.3 V
t
pHL at 3.3 V
t
pLH at 5 V
t
pHL at 5 V
0
1
2
3
4
5
6
–15
–10
–5
0
High-Level Output Current (mA)
VCC at 3.3 V
VCC at 5 V
C003
V
CC at 3.3 V
V
CC at 5 V
T
A = 25 °C
0
0.2
0.4
0.6
0.8
1
0
5
10
15
Low-Level Output Current (mA)
VCC at 3.3 V
VCC at 5 V
C004
V
CC at 3.3 V
V
CC at 5 V
T
A = 25 °C
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
0
10
20
30
40
50
Data Rate (Mbps)
ICC1 at 3.3 V
ICC2 at 3.3 V
ICC1 at 5 V
ICC2 at 5 V
C001
I
CC1 at 3.3 V
I
CC2 at 3.3 V
I
CC1 at 5 V
I
CC2 at 5 V
T
A = 25 °C
C
L = 15 pF
0
2
4
6
8
10
0
10
20
30
40
50
Data Rate (Mbps)
ICC1 at 3.3 V
ICC2 at 3.3 V
ICC1 at 5 V
ICC2 at 5 V
C002
I
CC1 at 3.3 V
I
CC2 at 3.3 V
I
CC1 at 5 V
I
CC2 at 5 V
T
A = 25 °C
C
L = 15 pF
ISO7420FCC
www.ti.com
SLLSED3A – JUNE 2013 – REVISED JULY 2013
TYPICAL CHARACTERISTICS
SUPPLY CURRENT PER CHANNEL
SUPPLY CURRENT FOR BOTH CHANNELS
vs
vs
DATA RATE
DATA RATE
Figure 7.
Figure 8.
HIGH-LEVEL OUTPUT VOLTAGE
LOW-LEVEL OUTPUT VOLTAGE
vs
vs
HIGH-LEVEL OUTPUT CURRENT
LOW-LEVEL OUTPUT CURRENT
Figure 9.
Figure 10.
VCC1 and VCC2 UNDER-VOLTAGE THRESHOLD
PROPAGATION DELAY TIME
vs
vs
FREE-AIR TEMPERATURE
FREE-AIR TEMPERATURE
Figure 11.
Figure 12.
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links :ISO7420FCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com