Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RX111 Datasheet(PDF) 93 Page - Renesas Technology Corp

Part # RX111
Description  32 MHz 32-bit RX MCUs, 50 DMIPS, up to 128 Kbytes of flash memory
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RX111 Datasheet(HTML) 93 Page - Renesas Technology Corp

Back Button RX111 Datasheet HTML 89Page - Renesas Technology Corp RX111 Datasheet HTML 90Page - Renesas Technology Corp RX111 Datasheet HTML 91Page - Renesas Technology Corp RX111 Datasheet HTML 92Page - Renesas Technology Corp RX111 Datasheet HTML 93Page - Renesas Technology Corp RX111 Datasheet HTML 94Page - Renesas Technology Corp RX111 Datasheet HTML 95Page - Renesas Technology Corp RX111 Datasheet HTML 96Page - Renesas Technology Corp RX111 Datasheet HTML 97Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 110 page
background image
R01DS0190EJ0100 Rev.1.00
Page 93 of 107
Jun 19, 2013
RX111 Group
5. Electrical Characteristics
5.6
D/A Conversion Characteristics
5.7
Temperature Sensor Characteristics
Table 5.41
D/A Conversion Characteristics (1)
Conditions: VCC = AVCC0 = VCC_USB = 1.8 to 3.6 V, VSS = AVSS0 = VREFL0 = VSS_USB = 0 V, fPCLKB
≤ 32 MHz,
Ta = –40 to +105°C
Item
Min.
Typ.
Max.
Unit
Test Conditions
Resolution
——
8
Bit
Conversion time
VCC = 2.7 to 3.6 V
——
3.0
μs
35-pF capacitive load
VCC = 1.6 to 2.7 V
——
6.0
Absolute accuracy
VCC = 2.4 to 3.6 V
——
±3.0
LSB
2-M
Ω resistive load
VCC = 1.8 to 2.4 V
——
±3.5
VCC = 2.4 to 3.6 V
——
±2.0
LSB
4-M
Ω resistive load
VCC = 1.8 to 2.4 V
——
±2.5
RO output resistance
—6.4
—
k
Ω
Table 5.42
Temperature Sensor Characteristics
Conditions: VCC = AVCC0 = VCC_USB = 2.0 to 3.6 V, VSS = AVSS0 = VREFL0 = VSS_USB = 0 V, Ta = –40 to +105°C
Item
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Relative accuracy
――
±1.5
―
°C
2.4 V or above
―
±2.0
―
Below 2.4 V
Temperature slope
――
–3.65
―
mV/°C
Output voltage (at 25°C)
――
1.05
―
V
VCC = 3.3 V
Temperature sensor start time
tSTART
――
5
μs
Sampling time
―
5
――
μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com