Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL1270 Datasheet(PDF) 2 Page - E-SWITCH

Part # TL1270
Description  LED Illumination, Tape & Reel packaging, Right angle design
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

TL1270 Datasheet(HTML) 2 Page - E-SWITCH

  TL1270 Datasheet HTML 1Page - E-SWITCH TL1270 Datasheet HTML 2Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.e-switch.com
800.867.2717
3
tl1270 SerieS tact Switch
Body dimensions
PCB Layout
sChematiCs
LEDSpecifications
ForwardCurrent
ForwardVoltage
LuminousIntensity
Blue
20mA
3.0V Typ - 3.6V Max
80 mcd Typ
Red
20mA
3.0V Typ - 3.6V Max
80 mcd Typ
Green
20mA
2.0V Typ - 2.3V Max
6 mcd Typ
Yellow
20mA
2.0V Typ - 2.3V Max
50 mcd Typ
White
20mA
3.0V Typ - 3.6V Max
350 mcd Typ
CAPDimensions
CapStyle
DimensionX
DimensionY
DimensionZ
A
4.70 [.185 in]
5.62 [.221 in]
3.20 [.126 in]
B
5.70 [.224 in]
6.62 [.261 in]
4.20 [.165 in]



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com