Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMP04FSZ Datasheet(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED

Part # AMP04FSZ
Description  Precision Single Supply Instrumentation Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AMP04FSZ Datasheet(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED

  AMP04FSZ Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED AMP04FSZ Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED AMP04FSZ Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED AMP04FSZ Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED AMP04FSZ Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED AMP04FSZ Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED AMP04FSZ Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED AMP04FSZ Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED AMP04FSZ Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
REV. B
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
AMP04
FUNCTIONAL BLOCK DIAGRAM
IN(–)
IN(+)
INPUT BUFFERS
REF
100k
11k
11k
RGAIN
VOUT
100k
FEATURES
Single Supply Operation
Low Supply Current: 700
A Max
Wide Gain Range: 1 to 1000
Low Offset Voltage: 150
V Max
Zero-In/Zero-Out
Single-Resistor Gain Set
8-Lead Mini-DIP and SO Packages
APPLICATIONS
Strain Gages
Thermocouples
RTDs
Battery-Powered Equipment
Medical Instrumentation
Data Acquisition Systems
PC-Based Instruments
Portable Instrumentation
Precision Single Supply
Instrumentation Amplifier
GENERAL DESCRIPTION
The AMP04 is a single-supply instrumentation amplifier
designed to work over a +5 volt to
±15 volt supply range. It
offers an excellent combination of accuracy, low power con-
sumption, wide input voltage range, and excellent gain
performance.
Gain is set by a single external resistor and can be from 1 to
1000. Input common-mode voltage range allows the AMP04 to
handle signals with full accuracy from ground to within 1 volt of
the positive supply. And the output can swing to within 1 volt of
the positive supply. Gain bandwidth is over 700 kHz. In addi-
tion to being easy to use, the AMP04 draws only 700
µA of
supply current.
For high resolution data acquisition systems, laser trimming of
low drift thin-film resistors limits the input offset voltage to
under 150
µV, and allows the AMP04 to offer gain nonlinearity
of 0.005% and a gain tempco of 30 ppm/
°C.
A proprietary input structure limits input offset currents to
less than 5 nA with drift of only 8 pA/
°C, allowing direct con-
nection of the AMP04 to high impedance transducers and
other signal sources.
The AMP04 is specified over the extended industrial (–40
°C to
+85
°C) temperature range. AMP04s are available in plastic and
ceramic DIP plus SO-8 surface mount packages.
Contact your local sales office for MIL-STD-883 data sheet
and availability.
PIN CONNECTIONS
8-Lead Epoxy DIP
(P Suffix)
8-Lead Narrow-Body SO
(S Suffix)
1
2
3
4
8
7
6
5
AMP04
RGAIN
V+
VOUT
REF
RGAIN
–IN
+IN
V–
AMP04
V+
RGAIN
VOUT
REF
RGAIN
–IN
+IN
V–
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
World Wide Web Site: http://www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 2000


Similar Part No. - AMP04FSZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AMP04FSZ AD-AMP04FSZ Datasheet
570Kb / 18P
Precision Single Supply Instrumentation Amplifier
REV. C
AMP04FSZ-R7 AD-AMP04FSZ-R7 Datasheet
570Kb / 18P
Precision Single Supply Instrumentation Amplifier
REV. C
AMP04FSZ-RL AD-AMP04FSZ-RL Datasheet
570Kb / 18P
Precision Single Supply Instrumentation Amplifier
REV. C
More results

Similar Description - AMP04FSZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD624 AD-AD624 Datasheet
691Kb / 15P
Precision Instrumentation Amplifier
REV.C
AMP04 AD-AMP04 Datasheet
511Kb / 16P
Precision Single Supply Instrumentation Amplifier
REV.A
logo
Burr-Brown (TI)
INA115 BURR-BROWN-INA115 Datasheet
211Kb / 11P
Precision INSTRUMENTATION AMPLIFIER
INA122 BURR-BROWN-INA122 Datasheet
223Kb / 9P
Single Supply, MicroPower INSTRUMENTATION AMPLIFIER
INA114AG BURR-BROWN-INA114AG Datasheet
430Kb / 13P
Precision INSTRUMENTATION AMPLIFIER
INA122 BURR-BROWN-INA122_13 Datasheet
750Kb / 14P
Single Supply, MicroPower INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AMP04FPZ AD-AMP04FPZ Datasheet
339Kb / 16P
Precision Single Supply Instrumentation Amplifier
REV. B
AMP04EPZ AD-AMP04EPZ Datasheet
327Kb / 16P
Precision Single Supply Instrumentation Amplifier
REV. B
logo
Linear Technology
LT1101 LINER-LT1101_15 Datasheet
243Kb / 16P
Precision, Micropower, Single Supply Instrumentation Amplifier
logo
Analog Devices
AMP04 AD-AMP04_16 Datasheet
570Kb / 18P
Precision Single Supply Instrumentation Amplifier
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com