Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA4558F Datasheet(PDF) 7 Page - Rohm

Part # BA4558F
Description  Low Noise Operational Amplifiers
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA4558F Datasheet(HTML) 7 Page - Rohm

Back Button BA4558F Datasheet HTML 3Page - Rohm BA4558F Datasheet HTML 4Page - Rohm BA4558F Datasheet HTML 5Page - Rohm BA4558F Datasheet HTML 6Page - Rohm BA4558F Datasheet HTML 7Page - Rohm BA4558F Datasheet HTML 8Page - Rohm BA4558F Datasheet HTML 9Page - Rohm BA4558F Datasheet HTML 10Page - Rohm BA4558F Datasheet HTML 11Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 49 page
background image
Technical Note
7/48
BA4558F,BA4558R F/FV/FVM,BA4560F,BA4560RF/FV/FVM,BA4564RFVBA4580RF/FVM,BA4584FV,
BA4584RF/FV,BA8522RF/FV/FVM,BA15218F,BA14741F,BA15532F,BA4510F/FV,BA2115F/FVM
www.rohm.com
2011.08 - Rev.B
© 2011 ROHM Co., Ltd. All rights reserved.
●
Absolute maximum rating (Ta=25[℃])
○
BA4580/BA4584/BA4584R/BA8522R family
Parameter
Symbol
Ratings
Unit
BA4580R family BA4584 family BA4584R family BA8522R family
Supply Voltage
VCC-VEE
+36
V
Differential Input Voltage
(*13)
Vid
36
V
Input Common-mode Voltage Range
Vicm
VEE~VEE+36
(VEE-0.3)~
VEE+36
V
Operating Supply Voltage
Vopr
4~32
(±2~±16)
4~19
(±2~±8.5)
4~32
(±2~±16)
V
Output current
Iout
±50
mA
Operating Temperature
Topr
-40~+105
-40~+85
-40~+105
℃
Storage Temperature
Tstg
-55~+150
℃
Maximum Junction Temperature
Tjmax
+150
℃
Note Absolute maximum rating item indicates the condition which must not be exceeded.
Application of voltage in excess of absolute maximum rating or use out absolute maximum rated temperature environment may cause
deterioration of characteristics.
(*13) The voltage difference between inverting input and non-inverting input is the differential input voltage.
Then input terminal voltage is set to more than VEE.
●
Electrical characteristics
○
BA4580R family (Unless otherwise specified VCC=+15[V], VEE=-15[V], Ta=25[℃])
Parameter
Symbol Temperature
Range
Limits
Unit
Condition
BA4580R F/FVM
Min.
Typ.
Max.
Input Offset Voltage
(*14)
Vio
25℃
-
0.3
3
mV
Rs≦10[kΩ]
Input Offset Current
(*14)
Iio
25℃
-
5
200
nA
Input Bias Current
(*15)
Ib
25℃
-
100
500
nA
Large Signal Voltage Gain
AV
25℃
90
110
-
dB
RL≧10[kΩ], VOUT=±10[V]
Maximum Output Voltage
VOM
25℃
±12
±13.5
-
V
RL≧2[kΩ]
Input Common-mode Voltage Range
Vicm
25℃
±12
±13.5
-
V
Common-mode Rejection Ratio
CMRR
25℃
80
110
-
dB
Rs≦10[kΩ]
Power Supply Rejection Ratio
PSRR
25℃
80
110
-
dB
Rs≦10[kΩ]
Supply Current
ICC
25℃
-
6
9
mA
RL=∞ All Op-Amps,
VIN+=0[V]
Slew Rate
SR
25℃
-
5
-
V/μsRL≧2[kΩ]
Unity Gain Frequency
ft
25℃
-
5
-
MHz RL=2[kΩ]
Total Harmonic Distortion
THD
25℃
-
0.0005
-
%
Av=20[dB], VOUT=5[Vrms]
RL=2[kΩ], f=1[kHz]
20[Hz]~20[kHz] BPF
Input Referred Noise Voltage
Vn
25℃
-
0.8
-
μVrms RIAA, Rs=2.2 [kΩ], 30[kHz]
LPF
(*14) Absolute value
(*15) Current direction: Since first input stage is composed with PNP transistor, input bias current flows out of IC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com