Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA4510F Datasheet(PDF) 21 Page - Rohm

Part # BA4510F
Description  Low Noise Operational Amplifiers
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA4510F Datasheet(HTML) 21 Page - Rohm

Back Button BA4510F Datasheet HTML 17Page - Rohm BA4510F Datasheet HTML 18Page - Rohm BA4510F Datasheet HTML 19Page - Rohm BA4510F Datasheet HTML 20Page - Rohm BA4510F Datasheet HTML 21Page - Rohm BA4510F Datasheet HTML 22Page - Rohm BA4510F Datasheet HTML 23Page - Rohm BA4510F Datasheet HTML 24Page - Rohm BA4510F Datasheet HTML 25Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 49 page
background image
Technical Note
21/48
BA4558F,BA4558R F/FV/FVM,BA4560F,BA4560RF/FV/FVM,BA4564RFVBA4580RF/FVM,BA4584FV,
BA4584RF/FV,BA8522RF/FV/FVM,BA15218F,BA14741F,BA15532F,BA4510F/FV,BA2115F/FVM
www.rohm.com
2011.08 - Rev.B
© 2011 ROHM Co., Ltd. All rights reserved.
●
Reference Data BA4564R family
(*)The above data is ability value of sample, it is not guaranteed.
-6
-4
-2
0
2
4
6
±2
±4
±6
±8
±10
±12
±14
±16
SUPPLY VOLTAGE [V]
0.0
2.0
4.0
6.0
8.0
10.0
12.0
-50
-25
0
25
50
75
100
125
AMBIENT TEMPERATURE [℃]
0
200
400
600
800
1000
025
50
75
100
125
AMBIENT TEMPERATURE [℃ ]
0.0
2.0
4.0
6.0
8.0
10.0
12.0
0
5
10
15
20
25
30
35
SUPPLY VOLTAGE [V]
0
5
10
15
20
25
30
0.1
1
10
LOAD RESISTANCE [kΩ]
0
20
40
60
80
100
120
140
160
180
200
±2
±4
±6
±8
±10 ±12 ±14 ±16
SUPPLY VOLTAGE [V]
Input Offset Voltage - Supply Voltage
(Vicm=0[V], Vout=0[V])
-20
-15
-10
-5
0
5
10
15
20
-50
-25
0
25
50
75
100
125
AMBIENT TEMPERATURE [℃]
-20
-15
-10
-5
0
5
10
15
20
0.1
1
10
LOAD RESISTANCE [kΩ]
Derating Curve
-6
-4
-2
0
2
4
6
-50
-25
0
25
50
75
100
125
AMBIENT TEMPERATURE [℃]
Input Offset Voltage - Ambient Temperature
(Vicm=0[V], Vout=0[V])
-40℃
105℃
25℃
0
20
40
60
80
100
120
140
160
180
200
-50
-25
0
25
50
75
100
125
AMBIENT TEMPERATURE [℃]
Input Bias Current - Ambient Temperature
(Vicm=0[V], Vout=0[V])
-40℃
25℃
105℃
±4V
±7.5V
±15V
Input Bias Current - Supply Voltage
(Vicm=0[V], Vout=0[V])
±15V
±7.5V
±4V
Maximum Output Voltage
-Load Resistance
(VCC/VEE=+15[V]/-15[V], Ta=25[℃])
Maximum Output Voltage Swing
- Load Resistance
(VCC/VEE=+15[V]/-15[V], Ta=25[℃])
VOH
BA4564R family
25℃
105℃
BA4564R family
Supply Current - Supply Voltage
-40℃
Supply Current - Ambient Temperature
BA4564R family
±4V
±15V
±7.5V
-20
-15
-10
-5
0
5
10
15
20
±4
±6
±8
±10
±12
±14
±16
SUPPLY VOLTAGE [V]
Maximum Output Voltage
-Supply Voltage
(RL=2[kΩ], Ta=25[℃])
VOH
Maximum Output Voltage
- Ambient Temperature
(VCC/VEE=+15[V]/-15[V], RL=2[kΩ])
VOH
-20
-15
-10
-5
0
5
10
15
20
0
5
10
15
20
25
OUTPUT CURRENT [mA]
Maximum Output Voltage
- Output Current
(VCC/VEE=+15[V]/-15[V],Ta=25[℃])
VOL
VOL
VOL
VOL
VOH
BA4564R family
BA4564R family
BA4564R family
BA4564R family
BA4564R family
BA4564R family
BA4564R family
BA4564R family
BA4564R family
Fig. 89
Fig. 90
Fig. 91
Fig. 92
Fig. 93
Fig. 94
Fig. 95
Fig. 96
Fig. 97
Fig. 98
Fig. 99
Fig. 100
BA4564RFV
105



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com