Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA4580RF Datasheet(PDF) 36 Page - Rohm

Part # BA4580RF
Description  Low Noise Operational Amplifiers
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA4580RF Datasheet(HTML) 36 Page - Rohm

Back Button BA4580RF Datasheet HTML 32Page - Rohm BA4580RF Datasheet HTML 33Page - Rohm BA4580RF Datasheet HTML 34Page - Rohm BA4580RF Datasheet HTML 35Page - Rohm BA4580RF Datasheet HTML 36Page - Rohm BA4580RF Datasheet HTML 37Page - Rohm BA4580RF Datasheet HTML 38Page - Rohm BA4580RF Datasheet HTML 39Page - Rohm BA4580RF Datasheet HTML 40Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 49 page
background image
Technical Note
36/48
BA4558F,BA4558R F/FV/FVM,BA4560F,BA4560RF/FV/FVM,BA4564RFVBA4580RF/FVM,BA4584FV,
BA4584RF/FV,BA8522RF/FV/FVM,BA15218F,BA14741F,BA15532F,BA4510F/FV,BA2115F/FVM
www.rohm.com
2011.08 - Rev.B
© 2011 ROHM Co., Ltd. All rights reserved.
●
Reference Data BA15532 family
(*)The above data is ability value of sample, it is not guaranteed
0
20
40
60
80
10
100
1000
10000
FREQUENCY [Hz]
25
50
75
100
125
150
-50
-25
0
25
50
75
100
AMBIENT TEMPERATURE [℃]
0
2
4
6
8
10
12
±2
±6
±10
±14
±18
±22
SUPPLY VOLTAGE [V]
50
75
100
125
150
175
-50
-25
0
25
50
75
100
AMBIENT TEMPERATURE [°C]
Slew Rate - Supply Voltage
(CL=100[pF],RL=2[kΩ],Ta=25[℃])
Common Mode Rejection Ratio
- Ambient Temperature
(VCC/VEE=+15[V]/-15[V], Vicm=-12[V] to +12[V])
BA15532 family
Power Supply Rejection Ratio
-30
-20
-10
0
10
20
30
±0
±4
±8
±12
±16
±20
±24
SUPPLY VOLTAGE [V]
75℃
-20℃
25℃
BA15532 family
0
5
10
15
20
25
30
1
10
100
1000
FREQUENCY [Hz]
BA15532 family
-5
-4
-3
-2
-1
0
1
2
3
4
5
024
68
COMMON MODE INPUT VOLTAGE [V]
BA15532 family
75℃
25℃
-20℃
Voltage Gain - Frequency
(VCC/VEE=+15[V]/-15[V],Av=40[dB],RL=2[kΩ],Ta=25[℃])
BA15532 family
BA15532 family
BA15532 family
BA15532 family
-30
-20
-10
0
10
20
30
-50
-25
0
25
50
75
100
AMBIENT TEMPERATURE [°C]
BA15532 family
±3V
±20V
±15V
0
10
20
30
40
50
60
1.E+00
1.E+02
1.E+04
1.E+06
1.E+08
FREQUENCY [Hz]
-180
-150
-120
-90
-60
-30
0
GAIN
PHASE
BA15532 family
Fig. 255
Fig. 256
Fig. 257
Fig. 258
Fig. 259
Fig. 260
Fig. 261
Fig. 262
Fig. 263
Fig. 264
0.0001
0.001
0.01
0.1
1
0.1
1
10
OUTPUT VOLTAGE [Vrms]
20kHz 1kHz
20Hz
Input Offset Current - Ambient Temperature
(Vicm=0[V], Vout=0[V])
Input Offset Current - Supply Voltage
(Vicm=0[V], Vout=0[V])
Input Offset Voltage
- Common Mode Input Voltage
(VCC=8[V], Vout=4[V])
Equivalent Input Noise Voltage - Frequency
(VCC/VEE=+15[V]/-15[V],Rs=100[Ω],Ta=25[℃])
Equivalent Input Noise Voltage - Frequency
(VCC/VEE=+15[V]/-15[V],Av=20[dB],
RL=600[Ω],80[kHz]-LPF,Ta=25[℃])
Maximum Output Voltage Swing - Frequency
(VCC/VEE=+15[V]/-15[V],RL=600[Ω],Ta=25[℃])



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com