Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA8522RF Datasheet(PDF) 10 Page - Rohm

Part # BA8522RF
Description  Low Noise Operational Amplifiers
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA8522RF Datasheet(HTML) 10 Page - Rohm

Back Button BA8522RF Datasheet HTML 6Page - Rohm BA8522RF Datasheet HTML 7Page - Rohm BA8522RF Datasheet HTML 8Page - Rohm BA8522RF Datasheet HTML 9Page - Rohm BA8522RF Datasheet HTML 10Page - Rohm BA8522RF Datasheet HTML 11Page - Rohm BA8522RF Datasheet HTML 12Page - Rohm BA8522RF Datasheet HTML 13Page - Rohm BA8522RF Datasheet HTML 14Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 49 page
background image
Technical Note
10/48
BA4558F,BA4558R F/FV/FVM,BA4560F,BA4560RF/FV/FVM,BA4564RFVBA4580RF/FVM,BA4584FV,
BA4584RF/FV,BA8522RF/FV/FVM,BA15218F,BA14741F,BA15532F,BA4510F/FV,BA2115F/FVM
www.rohm.com
2011.08 - Rev.B
© 2011 ROHM Co., Ltd. All rights reserved.
●
Absolute maximum rating (Ta=25[℃])
○
BA15218/BA14741/BA15532 family
Parameter
Symbol
Ratings
Unit
BA15218 family
BA14741 family
BA15532 family
Supply Voltage
VCC-VEE
36
42
V
Differential Input Voltage
(*22)
Vid
VCC-VEE
±0.5
(*23)
V
Input Common-mode voltage range
Vicm
VEE~VCC
V
Operating Supply Voltage
Vopr
4~32 (±2~±16)
4~36 (±2~±18)
6~40 (±3~±20)
V
Input Current
Ii
-
±10
mA
Operating Temperature
Topr
-40+85
-20~+75
℃
Storage Temperature
Tstg
-55~+125
℃
Output Short Current
(*24)
Iomax
±50
-
mA
Output Short Time
(*24)
Ts
-
unlimited
(only 1CH short)
unlimited
Sec
Note: Absolute maximum rating item indicates the condition which must not be exceeded.
Application of voltage in excess of absolute maximum rating or use out absolute maximum rated temperature environment may cause
deterioration of characteristics.
(*22) The voltage difference between inverting input and non-inverting input is the differential input voltage.
Then input terminal voltage is set to more than VEE.
(*23) Don’t over input current ±10mA. Built-in resistor for protection because of over current with differential input voltage above 0.5 .
(*24) Limit within Pd.
●
Electrical characteristics
○
BA15218 family (Unless otherwise specified VCC=+15[V], VEE=-15[V], Ta=25[℃])
Parameter
Symbol Temperature
Range
Limits
Unit
Condition
BA15218F
Min.
Typ.
Max.
Input Offset Voltage
(*25)
Vio
25℃
-
0.5
5.0
mV
Rs≦10[kΩ]
Input Offset Current
(*25)
Iio
25℃
-
5
200
nA
Input Bias Current
(*26)
Ib
25℃
-
50
500
nA
Large Signal Voltage Gain
Av
25℃
86
110
-
dB
RL≧2[kΩ], Vo=±10[V]
Input Common-mode Voltage Range
Vicm
25℃
±12
±14
-
V
Common-mode Rejection Ratio
CMRR
25℃
70
90
-
dB
Rs≦10[kΩ]
Power Supply Rejection Ratio
PSRR
25℃
76
90
-
dB
Rs≦10[kΩ]
Supply Current
ICC
25℃
-
5.0
8.0
mA
Vin=0, RL=∞
Maximum Output Voltage
VOH
25℃
±12
±14
-
V
RL≧10[kΩ]
VOL
25℃
±10
±13
-
V
RL≧2[kΩ]
Slew Rate
SR
25℃
-
3.0
-
V/μs GV=0[dB], RL=2[kΩ]
Gain Bandwidth Product
GBW
25℃
-
10
-
MHz f=10[KHz]
Input Referred Noise Voltage
Vn
25℃
-
1.0
-
μVrms RS=1[kΩ],
BW=20[Hz]~30[kHz], RIAA
Channel Separation
CS
25℃
-
120
-
dB
f=1[kHz] input referred
(*25) Absolute value
(*26) Current direction: Since first input stage is composed with PNP transistor, input bias current flows out of IC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com