Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5544ARS Datasheet(PDF) 10 Page - Analog Devices

Part # AD5544ARS
Description  Quad, Current-Output, Serial-Input 16-/14-Bit DACs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5544ARS Datasheet(HTML) 10 Page - Analog Devices

Back Button AD5544ARS Datasheet HTML 6Page - Analog Devices AD5544ARS Datasheet HTML 7Page - Analog Devices AD5544ARS Datasheet HTML 8Page - Analog Devices AD5544ARS Datasheet HTML 9Page - Analog Devices AD5544ARS Datasheet HTML 10Page - Analog Devices AD5544ARS Datasheet HTML 11Page - Analog Devices AD5544ARS Datasheet HTML 12Page - Analog Devices AD5544ARS Datasheet HTML 13Page - Analog Devices AD5544ARS Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
AD5544/AD5554
Data Sheet
Rev. G | Page 10 of 24
TYPICAL PERFORMANCE CHARACTERISTICS
0.10
0
–0.05
–0.10
–0.15
–0.20
–0.25
–0.30
–0.35
–0.40
0
10,000
30,000
50,000
70,000
CODE
0.05
20,000
40,000
60,000
Figure 7. AD5544 DNL vs. Code, TA = 25°C
0.20
0.15
0.10
0.05
0
–0.05
–0.10
–0.15
–0.20
0
4000
10,000
14,000
18,000
CODE
8000
12,000
16,000
2000
6000
Figure 8. AD5554 INL vs. Code, TA = 25°C
0.10
0.05
0
–0.05
–0.10
–0.15
0
4000
10,000
14,000
18,000
CODE
8000
12,000
16,000
2000
6000
Figure 9. AD5554 DNL vs. Code, TA = 25°C
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
–2000
–1500
–1000
–500
0
500
1000
1500
2000
0xF000
0x8000
0x7FFF
0x0FFF
OFFSET VOLTAGE (µV)
VDD = 5V
VREF = 10V
Figure 10. AD5544 Integral Nonlinearity Error vs. Op Amp Offset
–1.00
–0.75
–0.50
–0.25
0
0.50
0.25
0.75
1.00
–1000
–750
–500
–250
0
250
500
750
1000
0xF000
0x8000
0x0FFF
OP AMP OFFSET (µV)
VDD = 5V
VREF = 10V
Figure 11. AD5544 Differential Nonlinearity Error vs. Op Amp Offset
–1500
–1000
–500
0
500
1000
1500
–20
–15
–10
–5
0
5
10
OP AMP OFFSET (µV)
VDD = 5V
VREF = 10V
Figure 12. AD5544 Gain Error vs. Op Amp Offset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com