Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS1615 Datasheet(PDF) 10 Page - Cirrus Logic

Part # CS1615
Description  Single Stage Dimmable Offline AC/DC Controller for LED Lamps
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic

CS1615 Datasheet(HTML) 10 Page - Cirrus Logic

Back Button CS1615 Datasheet HTML 6Page - Cirrus Logic CS1615 Datasheet HTML 7Page - Cirrus Logic CS1615 Datasheet HTML 8Page - Cirrus Logic CS1615 Datasheet HTML 9Page - Cirrus Logic CS1615 Datasheet HTML 10Page - Cirrus Logic CS1615 Datasheet HTML 11Page - Cirrus Logic CS1615 Datasheet HTML 12Page - Cirrus Logic CS1615 Datasheet HTML 13Page - Cirrus Logic CS1615 Datasheet HTML 14Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
CS1615/16
10
DS961F1
Figure 14 illustrates the dual-mode buck-boost topology. The
CS1615/16 regulates the output current by controlling the peak
current to ensure that the target output charge is achieved every
half line-cycle. Demagnetization time of the inductor is sensed by
the FBAUX pin using an auxiliary winding and is used as an input
to the control loop.
5.6.1 Primary-Side Current Control
All input current shaping and output power transfer is attained
using a peak current control algorithm. Demagnetization time of
the primary inductor is sensed by the FBAUX pin using an
auxiliary winding and is used as an input to the control algorithm.
The values obtained from resistors RCTRL1 and RCTRL2 are the
other inputs to the control algorithm that help shape the input
current and control the LED current, respectively.
5.6.2 Output Current Regulation
The CS1615/16 regulates output current by controlling the
charge transferred over a half line-cycle. The full-scale output
current target is set using resistor RCTRL2, which is connected on
pin CTRL2. This pin is sampled periodically by an ADC. The
value of this resistor can be determined using Equation 1.
where,
N = turns ratio
IOUT = current through LED at maximum output
RSense = resistor attached to pin FBSENSE
When designing a buck-boost topology the turns ratio N is set to
one.
The CS1615/16 uses the value obtained from the resistor along
with the phase-cut and line-cycle period information to determine
the corresponding target full-scale output charge. The IC controls
the inductor switching frequency and peak current to ensure that
the target output charge is achieved every half line-cycle, thus
regulating the output current.
5.6.3 Input Current Shaping
The CS1615/16 shapes the input current by controlling the peak
primary current and the flyback/buck-boost switching frequency.
It shapes the currents differently when behind a dimmer
compared to when not behind a dimmer.
5.6.3.1 Operation Behind a Dimmer
Operating behind a dimmer, the CS1615/16 controls the
switching frequency to ensure that the average input current is
greater than the dimmer hold current requirement. The dimmer
hold current level is sensed using resistor RCTRL1 on pin CTRL1,
which is sampled periodically by an ADC. The value of this
resistor can be determined using the formula shown in
Equation 2.
where,
IIN(CC) = constant input current used when designing circuit
RSense = resistor attached to pin FBSENSE
5.6.3.2 Operation in No-dimmer Mode
Operating in No-dimmer Mode, the CS1615/16 controls the
switching frequency to ensure that the average input current
follows the line voltage to provide power factor correction. In No-
dimmer Mode the controller is designed to operate in quasi-
resonant mode to improve efficiency.
5.6.4 Max Primary-side Switching Current
Maximum primary-side switching current IPK(max) is set using
resistor RSense connected to pin FBSENSE of the CS1615/16.
The maximum primary-side switching current can be calculated
using Equation 3.
5.6.5 Auxiliary Winding Configuration
The auxiliary winding is used for zero-current detection (ZCD),
overvoltage protection (OVP), fast startup, and the steady-state
power supply. The voltage on the auxiliary winding is sensed
through pin FBAUX of the CS1615/16 for zero-current detection,
overvoltage protection, and fast startup. The auxiliary winding is
also used to provide the steady-state power supply to the
CS1615/16.
5.6.6 Output Open Circuit Protection
Output open circuit protection and output overvoltage protection
(OVP) are implemented by monitoring the output voltage through
the transformer auxiliary winding. If the voltage on the FBAUX pin
exceeds a threshold VOVP(th) of 1.25V, a fault condition occurs.
The IC output is disabled and the controller attempts to restart
after approximately one second.
RCTRL2
CTRL2
FBAUX
GND
GD
9
12
CS1615/16
16
13
Q3
RSense
Vrect
FBSENSE
11
LED+
LED-
L2
R7
R8
D4
D5
C8
VAUX
C7
Figure 14. Buck-boost Model
RCTRL2
1.4V N 4M
1.25 511
RSense IOUT
------------------------------------------------------------------------
=
[Eq.1]
RCTRL1
1.4V 4M
511 IIN CC

RSense
------------------------------------------------------------
=
[Eq.2]
IPK max

1.4
RSense
-------------------
=
[Eq.3]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com