Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS1615-FSZR Datasheet(PDF) 14 Page - Cirrus Logic

Part # CS1615-FSZR
Description  Single Stage Dimmable Offline AC/DC Controller for LED Lamps
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic

CS1615-FSZR Datasheet(HTML) 14 Page - Cirrus Logic

Back Button CS1615-FSZR Datasheet HTML 8Page - Cirrus Logic CS1615-FSZR Datasheet HTML 9Page - Cirrus Logic CS1615-FSZR Datasheet HTML 10Page - Cirrus Logic CS1615-FSZR Datasheet HTML 11Page - Cirrus Logic CS1615-FSZR Datasheet HTML 12Page - Cirrus Logic CS1615-FSZR Datasheet HTML 13Page - Cirrus Logic CS1615-FSZR Datasheet HTML 14Page - Cirrus Logic CS1615-FSZR Datasheet HTML 15Page - Cirrus Logic CS1615-FSZR Datasheet HTML 16Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
CS1615/16
14
DS961F1
7. ORDERING INFORMATION
8. ENVIRONMENTAL, MANUFACTURING, & HANDLING INFORMATION
Ordering Number
Container
AC Line Voltage
Temperature
Package
CS1615-FSZ
Bulk
120VAC
-40 °C to +125 °C
16-lead SOICN, Lead (Pb) Free
CS1615-FSZR
Tape & Reel
CS1616-FSZ
Bulk
230VAC
-40 °C to +125 °C
16-lead SOICN, Lead (Pb) Free
CS1616-FSZR
Tape & Reel
CS1615-FZZ
Bulk
120VAC
-40 °C to +125 °C
16-lead TSSOP, Lead (Pb) Free
CS1615-FZZR
Tape & Reel
CS1616-FZZ
Bulk
230VAC
-40 °C to +125 °C
16-lead TSSOP, Lead (Pb) Free
CS1616-FZZR
Tape & Reel
Part Number
Peak Reflow Temp
MSL Ratinga
a.MSL (Moisture Sensitivity Level) as specified by IPC/JEDEC J-STD-020.
Max Floor Lifeb
b.Stored at 30°C, 60% relative humidity.
CS1615-FSZ
260 °C
3
7 Days
CS1616-FSZ
260 °C
3
7 Days
CS1615-FZZ
260 °C
3
7 Days
CS1616-FZZ
260 °C
3
7 Days



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com