Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMMT720 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # FMMT720
Description  SOT23 PNP SILICON POWER (SWITCHING) TRANSISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

FMMT720 Datasheet(HTML) 3 Page - Diodes Incorporated

  FMMT720 Datasheet HTML 1Page - Diodes Incorporated FMMT720 Datasheet HTML 2Page - Diodes Incorporated FMMT720 Datasheet HTML 3Page - Diodes Incorporated FMMT720 Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
-55°C
100°C
25°C
0.0
0.2
0.4
0.6
0.8
1.0
1.2
Collector Current
I+/I*=10
Collector Current
Collector Current
Collector Current
25°C
100°C
-55°C
25°C
100°C
-55°C
I+/I*=30
0.0
0.2
0.4
0.6
0.8
1.0
1.2
V+-=2V
0
450
225
25°C
100°C
-55°C
V+-=2V
0.2
0.0
1.0
0.8
0.6
0.4
D.C.
1s
100ms
10ms
1ms
100µs
10
1.0
0.1
0.01
VCE(VOLTS)
Safe Operating Area
TYPICAL CHARACTERISTICS
0.1
10A
1mA
10A
1mA
10A
1mA
10A
1mA
1.2
1.4
0.6
0.5
0.4
0.4
0.3
0.2
0.1
0.0
1.4
100m
1
10m
1m
1m
10m
100m
1
10
IC - Collector Current (A)
VCE(SAT) v IC
I+/I*=10
I+/I*=30
I+/I*=50
+25°C
10mA
100mA
1A
VCE(SAT) vs IC
VBE(SAT) vs IC
10mA
100mA
1A
10mA
100mA
1A
hFE vs IC
VBE(ON) vs IC
10mA
100mA
1A
1.0
10
100
SINGLE PULSE TEST Tamb = 25 deg C
FMMT718
0.0
0.2
0.4
0.6
0.8
1.0
Collector Current
I+/I*=5
Collector Current
10A
Collector Current
10A
Collector Current
10A
Collector Current
10A
I+/I*=10
I+/I*=20
I+/I*=50
25°C
I+/I*=10
0.0
0.2
0.4
0.6
0.8
1.0
1.2
V+-=5V
450
225
V+-=5V
0.2
0.0
1.0
0.8
0.6
0.4
10
1.0
0.1
0.01
SINGLE PULSE TEST Tamb = 25 deg C
VCE (VOLTS)
TYPICAL CHARACTERISTICS
-55°C
100°C
25°C
25°C
100°C
-55°C
25°C
100°C
-55°C
25°C
100°C
-55°C
D.C.
1s
100ms
10ms
1ms
1mA
0.1
1mA
1mA
1mA
10A
1mA
0.0
0.1
0.2
0.3
0.4
0.5
0.0
Safe Operating Area
I+/I*=5
0.6
0.6
0.5
0.4
0.3
0.2
0.1
1.4
1.6
1.2
10mA
1A
100mA
VBE(SAT) vs IC
10mA
100mA
1A
VCE(SAT) vs IC
10mA
100mA
1A
VBE(SAT) vs IC
10mA
1A
100mA
hFE vs IC
VBE(ON) vs IC
10mA
100mA
1A
100µs
1
10
100
FMMT722
3 - 166
3 - 163



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com