Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS21TA Datasheet(PDF) 2 Page - Diodes Incorporated

Part # BAS21TA
Description  SURFACE MOUNT FAST SWITCHING DIODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BAS21TA Datasheet(HTML) 2 Page - Diodes Incorporated

  BAS21TA Datasheet HTML 1Page - Diodes Incorporated BAS21TA Datasheet HTML 2Page - Diodes Incorporated BAS21TA Datasheet HTML 3Page - Diodes Incorporated BAS21TA Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BAS19 / BAS20 / BAS21
Document number: DS12004 Rev. 21 - 2
2 of 4
www.diodes.com
November 2011
© Diodes Incorporated
BAS19 / BAS20 / BAS21
Maximum Ratings @TA = 25°C unless otherwise specified
Characteristic
Symbol
BAS19
BAS20
BAS21
Unit
Repetitive Peak Reverse Voltage
VRRM
120
200
250
V
Working Peak Reverse Voltage
DC Blocking Voltage
VRWM
VR
100
150
200
V
RMS Reverse Voltage
VR(RMS)
71
106
141
V
Forward Continuous Current (Note 4)
IFM
400
mA
Average Rectified Output Current (Note 4)
IO
200
mA
Non-Repetitive Peak Forward Surge Current
@ t = 1.0
μs
@ t = 1.0s
IFSM
2.5
0.5
A
Repetitive Peak Forward Surge Current (Note 4)
IFRM
625
mA
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Power Dissipation (Note 4)
PD
250
mW
Thermal Resistance Junction to Ambient Air (Note 4)
RθJA
500
°C/W
Operating and Storage Temperature Range
TJ , TSTG
-65 to +150
°C
Electrical Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Max
Unit
Test Condition
Reverse Breakdown Voltage (Note 5)
BAS19
BAS20
BAS21
V(BR)R
120
200
250
⎯
V
IR = 100μA
Forward Voltage
VF
⎯
1.0
1.25
V
IF = 100mA
IF = 200mA
Reverse Current @ Rated DC Blocking Voltage (Note 5)
IR
⎯
100
15
nA
μA
TJ = 25°C
TJ = 100°C
Total Capacitance
CT
⎯
5.0
pF
VR = 0, f = 1.0MHz
Reverse Recovery Time
trr
⎯
50
ns
IF = IR = 30mA,
Irr = 0.1 x IR, RL = 100Ω
Notes:
4. Part mounted on FR-4 board with recommended pad layout, which can be found on our website at http://www.diodes.com.
5. Short duration pulse test used to minimize self-heating effect.
0120
160
200
250
200
150
50
40
80
100
0
T , AMBIENT TEMPERATURE ( C)
Fig. 1 Power Derating Curve
A
°
Note 4
0.001
0.01
0.1
1
0
0.4
0.2
0. 6
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig. 2 Typical Forward Characteristics
F
0.8
1.2
1.0
1.4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com