Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMDF7N02ZR2 Datasheet(PDF) 2 Page - ON Semiconductor

Part # MMDF7N02ZR2
Description  Power MOSFET 7 Amps, 20 Volts N?묬hannel SO??, Dual
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMDF7N02ZR2 Datasheet(HTML) 2 Page - ON Semiconductor

  MMDF7N02ZR2 Datasheet HTML 1Page - ON Semiconductor MMDF7N02ZR2 Datasheet HTML 2Page - ON Semiconductor MMDF7N02ZR2 Datasheet HTML 3Page - ON Semiconductor MMDF7N02ZR2 Datasheet HTML 4Page - ON Semiconductor MMDF7N02ZR2 Datasheet HTML 5Page - ON Semiconductor MMDF7N02ZR2 Datasheet HTML 6Page - ON Semiconductor MMDF7N02ZR2 Datasheet HTML 7Page - ON Semiconductor MMDF7N02ZR2 Datasheet HTML 8Page - ON Semiconductor MMDF7N02ZR2 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
MMDF7N02Z
http://onsemi.com
2
MAXIMUM RATINGS (TJ = 25°C unless otherwise noted)
Rating
Symbol
Max
Unit
Drain−to−Source Voltage
VDSS
20
Vdc
Drain−to−Gate Voltage (RGS = 1.0 MΩ)
VDGR
20
Vdc
Gate−to−Source Voltage − Continuous
VGS
±12
Vdc
Drain Current
Continuous @ TA = 25°C (Note 1.)
Continuous @ TA = 70°C (Note 1.)
Pulsed Drain Current (Note 3.)
ID
ID
IDM
7.0
4.6
35
Adc
Total Power Dissipation @ TA = 25°C (Note 1.)
Linear Derating Factor @ TA = 25°C (Note 1.)
PD
2.0
16
Watts
mW/
°C
Total Power Dissipation @ TA = 25°C (Note 2.)
Linear Derating Factor @ TA = 25°C (Note 2.)
PD
1.39
11.11
Watts
mW/
°C
Operating and Storage Temperature Range
TJ, Tstg
− 55 to 150
°C
THERMAL RESISTANCE
Parameter
Symbol
Typ
Max
Unit
Junction−to−Ambient (Note 1.)
Junction−to−Ambient (Note 2.)
RqJA
−
−
62.5
90
°C/W
ELECTRICAL CHARACTERISTICS (TC = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Drain−to−Source Breakdown Voltage
(Cpk
≥ 2.0) (Notes 4. & 5.)
(VGS = 0 Vdc, ID = 0.25 mAdc)
Temperature Coefficient (Positive)
V(BR)DSS
20
−
−
15
−
−
Vdc
mV/
°C
Zero Gate Voltage Drain Current
(VDS = 20 Vdc, VGS = 0 Vdc)
(VDS = 20 Vdc, VGS = 0 Vdc, TJ = 125°C)
IDSS
−
−
−
−
1.0
10
µAdc
Gate−Body Leakage Current (VGS = ±12 Vdc, VDS = 0 Vdc)
IGSS
−
−
3.0
µAdc
ON CHARACTERISTICS (Note 4.)
Gate Threshold Voltage
(Cpk
≥ 2.0) (Notes 4. & 5.)
(VDS = VGS, ID = 0.25 mAdc)
Threshold Temperature Coefficient (Negative)
VGS(th)
0.5
−
0.7
2.5
1.0
−
Vdc
mV/
°C
Static Drain−to−Source On−Resistance
(Cpk
≥ 2.0) (Notes 4. & 5.)
(VGS = 4.5 Vdc, ID = 7.0 Adc)
(VGS = 2.5 Vdc, ID = 3.5 Adc)
RDS(on)
−
−
23
30
27
35
m
Ω
Forward Transconductance (VDS = 10 Vdc, ID = 6.0 Adc) (Note 4.)
gFS
5.0
11
−
Mhos
1. When mounted on 1
″ square FR4 or G−10 board (VGS = 10 V, @ 10 seconds).
2. When mounted on minimum recommended FR4 or G−10 board (VGS = 10 V, @ Steady State).
3. Repetitive rating; pulse width limited by maximum junction temperature.
4. Pulse Test: Pulse Width
≤ 300 µs, Duty Cycle ≤ 2%.
5. Reflects typical values.
Cpk =
Max limit − Typ
3 x SIGMA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com