Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLR343ECT Datasheet(PDF) 3 Page - Rohm

Part # SLR343ECT
Description  Competent to direct mount
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SLR343ECT Datasheet(HTML) 3 Page - Rohm

  SLR343ECT Datasheet HTML 1Page - Rohm SLR343ECT Datasheet HTML 2Page - Rohm SLR343ECT Datasheet HTML 3Page - Rohm SLR343ECT Datasheet HTML 4Page - Rohm SLR343ECT Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SLR-343 Series
Rank Reference of Brightness
Viewing
angle
(2
ɵ1/2)
Brightness Rank
E
FG
H
J
K
LM
NP
Q
RS
T
U
V
Brightness
(mcd)
Resin Color
0.40 to
0.63
0.63 to
1.0
1.0 to
1.6
1.6 to
2.5
2.5 to
4.0
4.0 to
6.3
6.3 to
10
10 to
16
16 to
25
25 to
40
40 to
63
63 to
100
100 to
160
160 to
250
250 to
400
400 to
630
φ3
Circular type
40˚
Transparent Colored
SLR-343VC
Diffused Colored
SLR-343VR
Viewing
angle
(2
ɵ1/2)
Brightness Rank
E
FG
H
J
K
LM
NP
Q
RS
T
U
V
Brightness
(mcd)
Resin Color
0.40 to
0.63
0.63 to
1.0
1.0 to
1.6
1.6 to
2.5
2.5 to
4.0
4.0 to
6.3
6.3 to
10
10 to
16
16 to
25
25 to
40
40 to
63
63 to
100
100 to
160
160 to
250
250 to
400
400 to
630
φ3
Circular type
40˚
Transparent Colored
SLR-343DC
Diffused Colored
SLR-343DU
Viewing
angle
(2
ɵ1/2)
Brightness Rank
E
FG
H
J
K
LM
NP
Q
RS
T
U
V
Brightness
(mcd)
Resin Color
0.40 to
0.63
0.63 to
1.0
1.0 to
1.6
1.6 to
2.5
2.5 to
4.0
4.0 to
6.3
6.3 to
10
10 to
16
16 to
25
25 to
40
40 to
63
63 to
100
100 to
160
160 to
250
250 to
400
400 to
630
φ3
Circular type
40˚
Transparent Colored
SLR-343YC
Diffused Colored
SLR-343YY
Red (V)
(Ta=25˚C, IF=10mA)
Orange (D)
Yellow (Y)
(Ta=25˚C, IF=10mA)
(Ta=25˚C, IF=10mA)
Green (M, P)
Bluish Green (E)
Blue (B)
White (WB)
Viewing
angle
(2
ɵ1/2)
Brightness Rank
EF
G
H
J
K
L
M
N
P
Q
R
ST
U
V
Brightness
(mcd)
Resin Color
0.40 to
0.63
0.63 to
1.0
1.0 to
1.6
1.6 to
2.5
2.5 to
4.0
4.0 to
6.3
6.3 to
10
10 to
16
16 to
25
25 to
40
40 to
63
63 to
100
100 to
160
160 to
250
250 to
400
400 to
630
φ3
Circular type
40˚
Transparent Colored
SLR-343MC
Diffused Colored
SLR-343MG
Diffused Colored
SLR-343PG
Transparent Colored
SLR-343PC
Viewing
angle
(2
ɵ1/2)
Brightness Rank
XH
XJ
XK
XL
XM
XN
XP
XQ
XR
XS
XT
XU
Brightness
(mcd)
Resin Color
150 to
220
220 to
330
330 to
473
470 to
680
680 to
1000
1000 to
1500
1500 to
2200
2200 to
3300
3300 to
4700
4700 to
6800
6800 to
10000
10000 to
15000
φ3
Circular type
40˚
Transparent
Colorless
※SLR343EC4T
※SLR343ECT
(Ta=25˚C, IF=20mA)
(Ta=25˚C, IF=20mA)
(Ta=25˚C, IF=20mA)
Viewing
angle
(2
ɵ1/2)
Brightness Rank
XH
XJ
XK
XL
XM
XN
XP
XQ
XR
XS
XT
XU
Brightness
(mcd)
Resin Color
150 to
220
220 to
330
330 to
473
470 to
680
680 to
1000
1000 to
1500
1500 to
2200
2200 to
3300
3300 to
4700
4700 to
6800
6800 to
10000
10000 to
15000
φ3
Circular type
40˚
Transparent
Colorless
SLR343BC7T
※SLR343BC4T
※SLR343BCT
Viewing
angle
(2
ɵ1/2)
Brightness Rank
XJ
XK
XL
XM
XN
XP
XQ
XR
XS
XT
XU
Brightness
(mcd)
Resin Color
220 to
330
330 to
473
470 to
680
680 to
1000
1000 to
1500
1500 to
2200
2200 to
3300
3300 to
4700
4700 to
6800
6800 to
10000
10000 to
15000
φ3 Circular
type
40˚
Transparent Colorless
SLR343WBC7T
※Brightness on specification sheet include tolerance of within ± 10%.
(Ta=25˚C, IF=10mA)
3/4
© 2013 ROHM Co., Ltd. All rights reserved.
www.rohm.com
2013.04 - Rev.D



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com