Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASMT-BX20 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # ASMT-BX20
Description  PCB Based Subminiature Lamps (PCB PolyLED)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ASMT-BX20 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  ASMT-BX20 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ASMT-BX20 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ASMT-BX20 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ASMT-BX20 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ASMT-BX20 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ASMT-BX20 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image

Device Selection Guide
Part Number
Die Technology
Color
Package Description
ASMT-BA0
AlInGaP
Amber
Untinted, Non-diffused
ASMT-BG0
AlInGaP
Green
Untinted, Non-diffused
ASMT-BR0
AlInGaP
Red
Untinted, Non-diffused
ASMT-BB0
InGaN
Blue
Untinted, Non-diffused
Part Numbering System
Absolute Maximum Ratings at TA = 25°C
Parameter
AlInGaP
InGaN
Units
DC Forward Current[1]
30
0
mA
Reverse Voltage (IR = 100mA)
5
5
V
LED Junction Temperature
95
95
°C
Operating Temperature Range
-40 to +85
°C
Storage Temperature Range
-40 to +85
°C
Soldering Temperature (Pb Free)
60°C for 10 seconds
Electrical Characteristics at TA = 25°C
Part Number
Forward Voltage
VF (Volts) [1]@ IF = 20mA
Typ.
Reverse Breakdown
VR (Volts) @ IR = 100μA
Min.
Thermal Resistance
RθJ-PIN(°C/W)
Typ.
AlInGaP Amber
.0
5
450
AlInGaP Green
.0
5
450
AlInGaP Red
.0
5
450
InGaN Blue
3.
5
450
Notes:
1. Vf tolerance : ±0.1V
ASMT - B x 20 - x x x x 0
Color Bin Selection
Please refer to the Color Bin Limits Table.
Max Iv Bin Options
Please refer to the Iv Bin Table
Min Iv Bin Options
Please refer to the Iv Bin Table
Die Technology
A: AllnGaP
N: InGaN
Color
A: Amber
G: Green
R: Red
B: Blue



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com