Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSRF860G Datasheet(PDF) 2 Page - ON Semiconductor

Part # MSRF860G
Description  SWITCHMODE Soft Recovery Power Rectifiers
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MSRF860G Datasheet(HTML) 2 Page - ON Semiconductor

  MSRF860G Datasheet HTML 1Page - ON Semiconductor MSRF860G Datasheet HTML 2Page - ON Semiconductor MSRF860G Datasheet HTML 3Page - ON Semiconductor MSRF860G Datasheet HTML 4Page - ON Semiconductor MSRF860G Datasheet HTML 5Page - ON Semiconductor MSRF860G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MSR860, MSRF860
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS
Characteristic
Symbol
Value
Unit
Maximum Instantaneous Forward Voltage (IF = 8.0 A) (Note 1)
Maximum
Typical
VF
TJ = 25°C
TJ = 150°C
V
1.7
1.4
1.3
1.1
Maximum Instantaneous Reverse Current (VR = 600 V)
Maximum
Typical
IR
TJ = 25°C
TJ = 150°C
mA
10
2.0
1000
80
Maximum Reverse Recovery Time (Note 2)
(VR = 400 V, IF = 8.0 A, di/dt = 200 A/ms)
Maximum
Typical
trr
TJ = 25°C
TJ = 125°C
ns
120
95
190
125
Typical Recovery Softness Factor
(VR = 400 V, IF = 8.0 A, di/dt = 200 A/ms)
s = tb/ta
2.5
3.0
Maximum Peak Reverse Recovery Current
(VR = 400 V, IF = 8.0 A, di/dt = 200 A/ms)
IRRM
5.8
8.3
A
Maximum Reverse Recovery Charge
(VR = 400 V, IF = 8.0 A, di/dt = 200 A/ms)
QRR
350
700
nC
1. Pulse Test: Pulse Width ≤ 380 ms, Duty Cycle ≤ 2%
2. TRR measured projecting from 25% of IRRM to zero current
TYPICAL ELECTRICAL CHARACTERISTICS
Figure 1. Typical Forward Voltage
VR, REVERSE VOLTAGE (VOLTS)
Figure 2. Typical Reverse Current
VF, FORWARD VOLTAGE DROP (VOLTS)
TC, CASE TEMPERATURE (°C)
Figure 3. Current Derating, Case
100
10
600
400
300
200
100
100
10
1
1.9
1.3
0.9
0.5
1
160
120
40
0
2
4
6
14
0
500
0.1
10
8
12
TJ = 150°C
100
°C
25
°C
RATED VR APPLIED
80
dc
SQUARE WAVE
1.7
1.1
0.7
1.5
TJ = 150°C
100
°C
25
°C
125
°C



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com