Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSRF860 Datasheet(PDF) 3 Page - ON Semiconductor

Part # MSRF860
Description  SWITCHMODE Soft Recovery Power Rectifiers
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MSRF860 Datasheet(HTML) 3 Page - ON Semiconductor

  MSRF860 Datasheet HTML 1Page - ON Semiconductor MSRF860 Datasheet HTML 2Page - ON Semiconductor MSRF860 Datasheet HTML 3Page - ON Semiconductor MSRF860 Datasheet HTML 4Page - ON Semiconductor MSRF860 Datasheet HTML 5Page - ON Semiconductor MSRF860 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MSR860, MSRF860
http://onsemi.com
3
TYPICAL ELECTRICAL CHARACTERISTICS
TA, AMBIENT TEMPERATURE (°C)
Figure 4. Current Derating, Ambient
IF(AV), AVERAGE FORWARD CURRENT (AMPS)
Figure 5. Power Dissipation
160
120
40
0
3.0
2.5
2.0
1.5
1.0
0.5
0
14
8
4
0
16
14
12
10
2
0
4
6
8
80
RATED VR APPLIED
dc
SQUARE WAVE
6
212
10
TJ = 150°C
dc
SQUARE WAVE
Figure 6. Typical Reverse Recovery Time
Figure 7. Typical Reverse Recovery Time
dIF/dt (A/mS)
dIF/dt (A/mS)
100
500
160
20
0
100
50
0
100
200
Figure 8. Typical Peak Reverse Recovery
Current
Figure 9. Typical Peak Reverse Recovery
Current
dIF/dt (A/mS)
dIF/dt (A/mS)
100
200
500
8
4
0
14
2
0
100
140
120
100
80
60
40
200
300
400
300
400
500
150
200
250
200
300
400
500
4
6
8
10
12
300
400
IF = 16 A
8 A
4 A
TJ = 25°C
VR = 400 V
IF = 16 A
8 A
4 A
TJ = 125°C
VR = 400 V
6
2
IF = 16 A
8 A
4 A
TJ = 25°C
VR = 400 V
IF = 16 A
8 A
4 A
TJ = 125°C
VR = 400 V



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com