Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACPL-C87B Datasheet(PDF) 13 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACPL-C87B
Description  Precision Optically Isolated Voltage Sensor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACPL-C87B Datasheet(HTML) 13 Page - AVAGO TECHNOLOGIES LIMITED

Back Button ACPL-C87B Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ACPL-C87B Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ACPL-C87B Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACPL-C87B Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED ACPL-C87B Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED ACPL-C87B Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED ACPL-C87B Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED ACPL-C87B Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED ACPL-C87B Datasheet HTML 14Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
13
Figure 22. Recommended Power Supply and Bypassing
Power Supplies and Bypassing
A power supply of 5 V is required to power the ACPL-C87x
input side VDD1. In many motor drive DC bus voltage
sensing applications, this 5 V supply is most often obtained
from the same supply used to power the power transistor
gate drive circuit using an inexpensive 78L05 three-ter-
minal regulator. To help attenuate high frequency power
supply noise or ripple, a resistor or inductor can be used
in series with the input of the regulator to form a low-pass
filter with the regulator’s input bypass capacitor.
In some other applications a dedicated supply might be
required to supply the VDD1. These applications include
photovoltaic (PV) inverter voltage tracking and measure-
ment, temperature sensor signal isolation. In these cases
it is possible to add an additional winding on an existing
transformer. Otherwise, some sort of simple isolated
supply can be used, such as a line powered transformer or
a high-frequency DC-DC converter module.
As shown in Figure 22, 100 nF bypass capacitors (C2, C3)
should be located as close as possible to the pins of the
isolation amplifier. The bypass capacitors are required
because of the high-speed digital nature of the signals
inside the isolation amplifier. A 100 pF bypass capacitor
(Cin) is also recommended at the input pins due to the
switched-capacitor nature of the input circuit. The input
bypass capacitor Cin also forms part of the anti-aliasing
filter, which is recommended to prevent high-frequency
noise from aliasing down to lower frequencies and inter-
fering with the input signal. When R1 is far greater than R2,
the low-pass anti-aliasing filter corner frequency can be
calculated by 1/(2
R2Cin). The input filter also performs
an important reliability function – it reduces transient
spikes from ESD events flowing through the high voltage
rails.
VDD1
SHDN
GateDrive
Circuit
78L05
ACPL-C87A
Cin
0.1nF
C1
0.1
μF
C2
0.1
μF
GND1
VIN
IN
OUT
Floating
PositiveSupply
VOUT+
5V
VDD2
VOUT-
GND2
C3
0.1
μF
R1
R2
HV+
HV-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com