Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STB50N25M5 Datasheet(PDF) 13 Page - STMicroelectronics

Part # STB50N25M5
Description  N-channel 250 V, 0.065 Ω, 28 A, MDmesh V Power MOSFET in DPAK package
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB50N25M5 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STB50N25M5 Datasheet HTML 6Page - STMicroelectronics STB50N25M5 Datasheet HTML 7Page - STMicroelectronics STB50N25M5 Datasheet HTML 8Page - STMicroelectronics STB50N25M5 Datasheet HTML 9Page - STMicroelectronics STB50N25M5 Datasheet HTML 10Page - STMicroelectronics STB50N25M5 Datasheet HTML 11Page - STMicroelectronics STB50N25M5 Datasheet HTML 12Page - STMicroelectronics STB50N25M5 Datasheet HTML 13Page - STMicroelectronics STB50N25M5 Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
STB50N25M5
Revision history
Doc ID 15923 Rev 3
13/14
6
Revision history
Table 10.
Document revision history
Date
Revision
Changes
23-Jun-2009
1
First release
15-Mar-2012
2
Section 4: Package mechanical data has been updated.
Minor text changes.
28-Mar-2012
3
Figure 7: Static drain-source on-resistance has been updated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com