Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STB140NF75T4 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STB140NF75T4
Description  N-channel 75V - 0.0065 - 120A - D2PAK/I2/TO-220 STripFET III Power MOSFET
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB140NF75T4 Datasheet(HTML) 1 Page - STMicroelectronics

  STB140NF75T4 Datasheet HTML 1Page - STMicroelectronics STB140NF75T4 Datasheet HTML 2Page - STMicroelectronics STB140NF75T4 Datasheet HTML 3Page - STMicroelectronics STB140NF75T4 Datasheet HTML 4Page - STMicroelectronics STB140NF75T4 Datasheet HTML 5Page - STMicroelectronics STB140NF75T4 Datasheet HTML 6Page - STMicroelectronics STB140NF75T4 Datasheet HTML 7Page - STMicroelectronics STB140NF75T4 Datasheet HTML 8Page - STMicroelectronics STB140NF75T4 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
June 2006
Rev 4
1/18
18
STP140NF75
STB140NF75 - STB140NF75-1
N-channel 75V - 0.0065
Ω - 120A - D2PAK/I2/TO-220
STripFET™ III Power MOSFET
General features
■ 100% avalanche tested
Description
This Power MOSFET is the latest development of
STMicroelectronis unique "Single Feature Size™"
strip-based process. The resulting transistor
shows extremely high packing density for low on-
resistance, rugged avalanche characteristics and
less critical alignment steps therefore a
remarkable manufacturing reproducibility.
Applications
■ Switching application
Internal schematic diagram
Type
VDSS
RDS(on)
ID
STB140NF75
75V
<0.0075
Ω
120A(1)
1.
Current limited by package
STB140NF75-1
75V
<0.0075
Ω
120A(1)
STP140NF75
75V
<0.0075
Ω
120A(1)
D2PAK
1
2
3
1
3
1
2
3
I2PAK
TO-220
www.st.com
Order codes
Part number
Marking
Package
Packaging
STB140NF75T4
B140NF75
D2PAK
Tape & reel
STB140NF75-1
B140NF75
I2PAK
Tube
STP140NF75
P140NF75
TO-220
Tube


Similar Part No. - STB140NF75T4

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB140NF75 STMICROELECTRONICS-STB140NF75 Datasheet
541Kb / 18P
N-CHANNEL 75V - 0.0065 ohm -120A DPAK/IPAK/TO-220 STripFET II POWER MOSFET
28-Jun-2006
STB140NF75-1 STMICROELECTRONICS-STB140NF75-1 Datasheet
541Kb / 18P
N-CHANNEL 75V - 0.0065 ohm -120A DPAK/IPAK/TO-220 STripFET II POWER MOSFET
28-Jun-2006
More results

Similar Description - STB140NF75T4

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB140NF75 STMICROELECTRONICS-STB140NF75 Datasheet
541Kb / 18P
N-CHANNEL 75V - 0.0065 ohm -120A DPAK/IPAK/TO-220 STripFET II POWER MOSFET
28-Jun-2006
STB300NH02L STMICROELECTRONICS-STB300NH02L Datasheet
474Kb / 14P
N-channel 24V - 120A - TO-220 / D2PAK STripFET TM Power MOSFET
21-Feb-2007
STB100NF03L-03 STMICROELECTRONICS-STB100NF03L-03_06 Datasheet
461Kb / 15P
N-channel 30V - 0.0026ohm - 100A - D2PAK/I2/TO-220 STripFET TM III Power MOSFET
21-Jun-2006
STB190NF04 STMICROELECTRONICS-STB190NF04_06 Datasheet
510Kb / 16P
N-channel 40V - 0.0039ohm - 120A - D2PAK/I2PAK/TO-220 STripFET TM III Power MOSFET
09-Aug-2006
STB200NF03 STMICROELECTRONICS-STB200NF03_07 Datasheet
449Kb / 18P
N-channel 30V - 0.0032ohm - 120A - D2PAK/I2PAK/TO-220 STripFET TM III Power MOSFET
09-Aug-2006
STB185N55F3 STMICROELECTRONICS-STB185N55F3 Datasheet
335Kb / 14P
N-channel 55V - 3.2mΩ - 120A - D2PAK/TO-220 STripFET??Power MOSFET
28-Jun-2007
STB160N75F3_0710 STMICROELECTRONICS-STB160N75F3_0710 Datasheet
390Kb / 16P
N-channel 75V - 3.5m廓 - 120A - TO-220 - TO-247 - D2PAK STripFET??Power MOSFET
02-Oct-2007
STB180N55F3 STMICROELECTRONICS-STB180N55F3 Datasheet
440Kb / 14P
N-channel 55V - 3.2m廓 - 120A - D2PAK/TO-220 STripFET??Power MOSFET
01-Jun-2007
STB300NH02L_0709 STMICROELECTRONICS-STB300NH02L_0709 Datasheet
329Kb / 14P
N-channel 24V - 120A - TO-220 / D2PAK STripFET??Power MOSFET
25-Sep-2007
STP80NF06 STMICROELECTRONICS-STP80NF06_07 Datasheet
314Kb / 14P
N-channel 60V - 0.0065 - 80A TO-220/D2PAK/TO-247 STripFET II Power MOSFET
03-May-2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com